Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 4 Page - Analog Devices

  AD6645 Datasheet HTML 1Page - Analog Devices AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD6645
–4–
SWITCHING SPECIFICATIONS (continued)
AD6645ASQ-80
Parameter (Conditions)
Name
Temp
Test Level
Min
Typ
Max
Unit
ENCODE Input Parameters
1
Encode Period
1 @ 80 MSPS
tENC
Full
V
12.5
ns
Encode Pulsewidth High
2 @ 80 MSPS
tENCH
Full
V
6.25
ns
Encode Pulsewidth Low @ 80 MSPS
tENCL
Full
V
6.25
ns
ENCODE/DataReady
Encode Rising to DataReady Falling
tDR
Full
V
1.0
2.0
3.1
ns
Encode Rising to DataReady Rising
tE_DR
Full
V
tENCH + tDR
ns
@ 80 MSPS (50% Duty Cycle)
Full
V
7.3
8.3
9.4
ns
ENCODE/DATA (D13:0), OVR
ENC to DATA Falling Low
tE_FL
Full
V
2.4
4.7
7.0
ns
ENC to DATA Rising Low
tE_RL
Full
V
1.4
3.0
4.7
ns
ENCODE to DATA Delay (Hold Time)3
tH_E
Full
V
1.4
3.0
4.7
ns
ENCODE to DATA Delay (Setup Time)
4
tS_E
Full
V
tENC – tE_FL
ns
Encode = 80 MSPS (50% Duty Cycle)
Full
V
5.3
7.6
10.0
ns
DataReady (DRY
5)/DATA, OVR
DataReady to DATA Delay (Hold Time)
2
tH_DR
Full
V
Note 6
ns
Encode = 80 MSPS (50% Duty Cycle)
6.6
7.2
7.9
DataReady to DATA Delay (Setup Time)
2
tS_DR
Full
V
Note 6
ns
Encode = 80 MSPS (50% Duty Cycle)
2.1
3.6
5.1
APERTURE DELAY
tA
25
∞CV
–500
ps
APERTURE UNCERTAINTY (Jitter)
tJ
25
∞CV
0.1
ps rms
NOTES
1Several timing parameters are a function of t
ENC and tENCH.
2To compensate for a change in duty cycle for t
H_DR and tS_DR use the following equation:
NewtH_DR = (tH_DR – % Change(tENCH))
NewtS_DR = (tS_DR – % Change(tENCH))
3ENCODE TO DATA Delay (Hold Time) is the absolute minimum propagation delay through the Analog-to-Digital Converter, t
E_RL = tH_E.
4ENCODE TO DATA Delay (Setup Time) is calculated relative to 80 MSPS (50% duty cycle). To calculate t
S_E for a given encode, use the following equation:
NewtS_E = tENC(NEW) – tENC + tS_E (i.e., for 40 MSPS: NewtS_E(TYP) = 25
¥ 10–9 – 15.38 ¥ 10–9 + 9.8 ¥ 10–9 = 19.4 ¥ 10 –9).
5DRY is an inverted and delayed version of the encode clock. Any change in the duty cycle of the clock will correspondingly change the duty cycle of DRY.
6DataReady to DATA Delay (t
H_DR and tS_DR) is calculated relative to 80 MSPS (50% duty cycle) and is dependent on t ENC and duty cycle. To calculate tH_DR and
tS_DR for a given encode, use the following equations:
NewtH_DR = tENC(NEW)/2 – tENCH + tH_DR (i.e., for 40 MSPS: NewtH_DR(TYP) = 12.5
¥ 10–9 – 6.25 ¥ 10–9 + 7.2 ¥ 10–9 = 13.45 ¥ 10–9
NewtS_DR = tENC(NEW)/2 – tENCH + tS_DR (i.e., for 40 MSPS: NewtS_DR(TYP) = 12.5
¥ 10–9 – 6.25 ¥ 10–9 + 3.6 ¥ 10–9 = 9.85 ¥ 10–9
Specifications subject to change without notice.
tS_DR
tA
AIN
N
N+1
N+2
N+3
N+4
tENC
tENCH
tENCL
tE_FL
tE_RL
tE_DR
tS_E
tH_E
tDR
tH_DR
NN+1
N+2
N+3
N+4
N
N–1
N–2
N–3
ENC, ENC
D[13:0], OVR
DRY
Figure 1. Timing Diagram
(AVCC = 5 V, DVCC = 3.3 V; ENCODE and ENCODE = 80 MSPS; TMIN = –40 C,
TMAX = +85 C, CLOAD = 10 pF, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com