Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 5 Page - Analog Devices

  AD6645 Datasheet HTML 1Page - Analog Devices AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
–5–
AD6645
ABSOLUTE MAXIMUM RATINGS
*
Parameter
Min
Max
Unit
ELECTRICAL
AVCC Voltage
0
7
V
DVCC Voltage
0
7
V
Analog Input Voltage
0
AVCC
V
Analog Input Current
25
mA
Digital Input Voltage
0
AVCC
V
Digital Output Current
4
mA
ENVIRONMENTAL
Operating Temperature Range (Ambient)
–40
+85
∞C
Maximum Junction Temperature
150
∞C
Lead Temperature (Soldering, 10 sec)
300
∞C
Storage Temperature Range (Ambient)
–65
+150
∞C
THERMAL CHARACTERISTICS
52-Lead PowerQuad 4 . . . . . . . . . . . . . . . . . . . . . . LQFP_ED
JA = 23
∞C/W . . . . . . . . . . . . . . . Soldered Slug, No Airflow
JA = 17
∞C/W . . . . . . . . Soldered Slug, 200 LFPM Airflow
JA = 30
∞C/W . . . . . . . . . . . . . Unsoldered Slug, No Airflow
JA = 24
∞C/W . . . . . . Unsoldered Slug, 200 LFPM Airflow
JC = 2
∞C/W . . . . . . . . . . . . . Bottom of Package (Heatslug)
Typical Four-Layer JEDEC Board Horizontal Orientation
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD6645 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II.
100% production tested at 25
∞C and guaranteed by design
and characterization at temperature extremes.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
*Absolute maximum ratings are limiting values to be applied individually and beyond which the serviceability
of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute
maximum rating conditions for an extended period of time may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6645ASQ-80
–40
∞C to +85∞C (Ambient) 52-Lead PowerQuad 4 (LQFP_ED) SQ-52
AD6645/PCB
25
∞C
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com