Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices AD6645 Datasheet HTML 10Page - Analog Devices AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD6645
–12–
FREQUENCY – MHz
0
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
510
152025303540
5
3
2
6
4
ENCODE = 80.0MSPS
AIN = 30.5MHz @ –29.5 dBFS
NO DITHER
TPC 19. 1 M FFT without Dither
ANALOG INPUT LEVEL
90
0
10
20
30
40
50
60
70
80
90
100
110
80
70
60
50
40
30
20
10
0
dBFS
ENCODE = 80.0MSPS
AIN = 30.5MHz
NO DITHER
SFDR = 90 dB
REFERENCE LINE
TPC 20. SFDR without Dither
FREQUENCY – MHz
–130
05
10
15
20
25
30
35
40
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 76.8MSPS
AIN = 69.1MHz @
–1dBFS
SNR = 73.5dB
SFDR = 89.0dBc
TPC 21. Single Tone 69.1 MHz: Encode = 76.8 MSPS
FREQUENCY – MHz
–130
05
10
15
20
25
30
35
40
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
3
2
6
4
ENCODE = 80.0MSPS
AIN = 30.5MHz @ –29.5dBFS
WITH DITHER @ –19.2 dBm
TPC 22. 1 M FFT with Dither
ANALOG INPUT LEVEL
–90
0
10
20
30
40
50
60
70
80
90
100
110
–80
–70
–60
–50
–40
–30
–20
–10
0
dBFS
ENCODE = 80.0MSPS
AIN = 30.5MHz
WITH DITHER @ –19.2 dBm
SFDR = 90 dB
REFERENCE LINE
SFDR = 100 dB
REFERENCE LINE
TPC 23. SFDR with Dither
FREQUENCY – MHz
–130
05
10
15
20
25
30
35
40
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 76.8MSPS
AIN = WCDMA @ 69.1MHz
TPC 24. WCDMA Tone 69.1 MHz: Encode = 76.8 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com