Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices AD6645 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD6645
–6–
PIN CONFIGURATION
52 51 50 49 48
43 42 41 40
47 46 45 44
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
13
12
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
39
38
37
36
35
34
33
32
31
30
29
28
27
AD6645
DVCC
GND
VREF
GND
ENC
ENC
GND
AVCC
AVCC
GND
AIN
AIN
GND
D3
D2
D1
D0 (LSB)
DMID
GND
DVCC
OVR
DNC
AVCC
GND
AVCC
GND
DNC = DO NOT CONNECT
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1, 33, 43
DVCC
3.3 V Power Supply (Digital) Output Stage Only
2, 4, 7, 10, 13,
GND
Ground
15, 17, 19, 21,
23, 25, 27, 29,
34, 42
3
VREF
2.4 V Reference. Bypass to ground with a 0.1
mF microwave chip capacitor.
5
ENC
Encode Input. Conversion initiated on rising edge.
6
ENC
Complement of ENC, Differential Input
8, 9, 14, 16, 18,
AVCC
5 V Analog Power Supply
22, 26, 28, 30
11
AIN
Analog Input
12
AIN
Complement of AIN, Differential Analog Input
20
C1
Internal Voltage Reference. Bypass to ground with a 0.1
mF chip capacitor.
24
C2
Internal Voltage Reference. Bypass to ground with a 0.1
mF chip capacitor.
31
DNC
Do not connect this pin.
32
OVR
*
Over-Range Bit. A logic-level high indicates analog input exceeds
±FS.
35
DMID
Output Data Voltage Midpoint. Approximately equal to (DVCC)/2.
36
D0 (LSB)
Digital Output Bit (Least Significant Bit); Two’s Complement
37–41, 44–50
D1–D5, D6–D12
Digital Output Bits in Two’s Complement
51
D13 (MSB)
Digital Output Bit (Most Significant Bit); Two’s Complement
52
DRY
DataReady Output
*The functionality of the Over-Range bit is specified for a temperature range of 25
∞C to 85∞C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com