Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices AD6645 Datasheet HTML 18Page - Analog Devices AD6645 Datasheet HTML 19Page - Analog Devices AD6645 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
AD6645
–16–
Jitter Considerations
The signal-to-noise ratio (SNR) for an ADC can be predicted.
When normalized to ADC codes, the above equation accurately
predicts the SNR based on three terms. These are jitter, average
DNL error, and thermal noise. Each of these terms contributes
to the noise within the converter.
FANALOG = analog input frequency
tj rms = rms jitter of the encode (rms sum of encode source and
internal encode circuitry)
= average DNL of the ADC (typically 0.41 LSB)
n = number of bits in the ADC
VNOISE rms = V rms thermal noise referred to the analog input of
the ADC (typically 0.9 LSB rms)
For a 14-bit analog-to-digital converter, like the AD6645, aperture
jitter can greatly affect the SNR performance as the analog
frequency is increased. The chart below shows a family of curves
that demonstrate the expected SNR performance of the AD6645 as
jitter increases. The chart is derived from the above equation.
For a complete discussion of aperture jitter, please consult
AN-501, “Aperture Uncertainty and ADC System Performance.”
JITTER – ps
55
00.1
60
65
70
75
80
0.2
0.3
0.4
0.5
0.6
AIN = 110MHz
AIN = 150MHz
AIN = 190MHz
AIN = 30MHz
AIN = 70MHz
Figure 12. Jitter vs. SNR
SNR
F
t
V
j rms
n
N
n
=-
¥
¥
() + +
Ê
ËÁ
ˆ
¯˜ +
¥¥
Ê
ËÁ
ˆ
¯˜
È
Î
Í
Í
ù
û
ú
ú
176 20
2
1
2
22
2
2
2
2
1
2
.
log
p
e
ANALOG
OISE rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com