Electronic Components Datasheet Search
  English  ▼

X  

TCL Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TCL
Description  TCL Series, 24 to 240 Watt
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL Datasheet(HTML) 3 Page - TRACO Electronic AG

  TCL Datasheet HTML 1Page - TRACO Electronic AG TCL Datasheet HTML 2Page - TRACO Electronic AG TCL Datasheet HTML 3Page - TRACO Electronic AG TCL Datasheet HTML 4Page - TRACO Electronic AG TCL Datasheet HTML 5Page - TRACO Electronic AG TCL Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.tracopower.com
Page 3 of 6
General Specifications
Reliability, calculated MTBF at +25°C
TCL 024 models: >2.68 Mio h
(according to IEC-1709)
TCL 060 models: >2.70 Mio h
TCL 120 models: >1.62 Mio h
TCL 240 models: >1.38 Mio h
Safety standards
– Information technology equipment
IEC 60950-1, EN 60950-1 (output SELV),
UL Std. 60950-1 (2nd Edition) +Am1:2011,
CAN/CSA-C22.2 No. 60950-1-07 +Am1:2011
– Industrial control equipment
UL 508
– Electronic equipment for power installation
EN 50178
– Electrical equipment for machines
EN 60204
– Safety transformers for SMPS
EN 61558-2-16
– Measurement, Control & Laboratory
IEC 61010-1, EN 61010-1
IEC 61010-2-201, EN 61010-2-201
Safety approvals
– CB test certificate
IEC 60950-1
– UL approval
UL 508 listed, CSA C22.2 No. 14
File e210002
www.ul.com -> certifications
– UL approval
UL 60950, File e181381 (except TCL 240)
www.ul.com -> certifications
– CSA certification
UL 60950-1, CSA 60950-1-03
– Certification documents
www.tracopower.com/overview/tcl
Environmental compliance
– Reach
www.tracopower.com/info/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
Electromagnetic compatibility (EMC), emissions
EN 61000-6-3
Electromagnetic compatibility (EMC), immunity
EN 61000-6-2
Safety class
degree of protection class 1
Case protection
IP 20 (IEC 60529)
Enclosure material
plastic 94V-0 rated
Mounting
DIN-rails as per EN 50022-35x15/7.5
(snap-on with self-locking spring)
Adapter for wall-/chassis mounting (included)
Installation instructions
www.tracopower.com/overview/tcl
Industrial Power Supplies
TCL Series
24 to 240 Watt
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com