Electronic Components Datasheet Search
  English  ▼

X  

TCL Datasheet(PDF) 6 Page - TRACO Electronic AG

Part # TCL
Description  TCL Series, 24 to 240 Watt
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL Datasheet(HTML) 6 Page - TRACO Electronic AG

  TCL Datasheet HTML 1Page - TRACO Electronic AG TCL Datasheet HTML 2Page - TRACO Electronic AG TCL Datasheet HTML 3Page - TRACO Electronic AG TCL Datasheet HTML 4Page - TRACO Electronic AG TCL Datasheet HTML 5Page - TRACO Electronic AG TCL Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6 of 6
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Industrial Power Supplies
TCL Series
24 to 240 Watt
Wall Mounting Bracket
Instead on a DIN-rail, the modules can be
also mounted on a chassis or wall with help of a
mounting bracket which is supplied as standard
with each power supply
Rev. September 20, 2021
125 (4.92)
85 (3.35)
DC-ON LED
Output voltage
adjust
OUTPUT
1 2 3 4 5
INPUT
1 2 3
Weight: 950 g (33.5 oz)
Output
Input
1 +Vout
1 AC Ground
2 +Vout
2 Neutral
3 –Vout
3 Live
4 –Vout
5 Power OK
TCL 240 model
Case Dimensions
Dimensions in [mm], ( ) = Inch
Tolerances: ±0.5 mm (±0.02)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com