Electronic Components Datasheet Search
  English  ▼

X  

TCL Datasheet(PDF) 5 Page - TRACO Electronic AG

Part # TCL
Description  TCL Series, 24 to 240 Watt
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL Datasheet(HTML) 5 Page - TRACO Electronic AG

  TCL Datasheet HTML 1Page - TRACO Electronic AG TCL Datasheet HTML 2Page - TRACO Electronic AG TCL Datasheet HTML 3Page - TRACO Electronic AG TCL Datasheet HTML 4Page - TRACO Electronic AG TCL Datasheet HTML 5Page - TRACO Electronic AG TCL Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.tracopower.com
Page 5 of 6
Industrial Power Supplies
TCL Series
24 to 240 Watt
TCL 60 models
Weight: 265 g (9.4 oz)
Output
Input
1 +Vout
1 AC Ground
2 +Vout
2 Neutral
3 –Vout
3 Live
4 –Vout
5 Power OK
100.0 (3.94)
45 (1.77)
DC-ON LED
Output voltage
adjust
OUTPUT
1 2 3 4 5
INPUT
1 2 3
TCL 120 models
Weight: 440 g (15.5 oz)
Output
Input
1 +Vout
1 AC Ground
2 +Vout
2 Neutral
3 –Vout
3 Live
4 –Vout
5 Power OK
100.0 (3.94)
85 (3.35)
DC-ON LED
Output voltage
adjust
OUTPUT
1 2 3 4 5
INPUT
1 2 3
DIN rail mounting hooks 20mm (0.79) wide
Dimensions in [mm], ( ) = Inch
Tolerances: ±0.5 mm (±0.02)
Case Dimensions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com