Electronic Components Datasheet Search
  English  ▼

X  

TCL Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TCL
Description  TCL Series, 24 to 240 Watt
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL Datasheet(HTML) 4 Page - TRACO Electronic AG

  TCL Datasheet HTML 1Page - TRACO Electronic AG TCL Datasheet HTML 2Page - TRACO Electronic AG TCL Datasheet HTML 3Page - TRACO Electronic AG TCL Datasheet HTML 4Page - TRACO Electronic AG TCL Datasheet HTML 5Page - TRACO Electronic AG TCL Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.tracopower.com
Page 4 of 6
27 (1.06)
100.0 (3.94)
DC-ON LED
Output voltage
adjust
INPUT
1 2 3
OUTPUT
1 2
Case Dimensions
Industrial Power Supplies
TCL Series
24 to 240 Watt
TCL 024 and TCL-REM240 models
Weight: 140 g (4.9 oz)
Output
Input
1 +Vout
1 AC Ground
2 –Vout
2 Neutral
3 Live
Dimensions in [mm], ( ) = Inch
Tolerances: ±0.5 mm (±0.02)
TCL–REM240 Redundancy Module
This module enables redundant operation of any two TCL models by decoupling
the 2 power supplies. It can also be used to separate sensitive loads from the main
power source.
Order Code
Nominal Input
Voltage
Input Voltage
Range
Max Power
per Input
Output Voltage
Output Current
max.
TCL–REM240
5...48 VDC
5...60 VDC
200 W
Vin – 0.9 VDC
8 A
Specifications
Operating temperature
–10°C to +70°C max. (14°F ... +158°F)
derating above +40°C (104°F): 1.5 %/K
Electromagnetic compatibility
in correspondence to connected units
(no internal switching device)
Dimensions
same as model TCL 024 (see page 4)
Connection
detachable screw terminal block
Installation instructions
www.tracopower.com/overview/tcl



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com