Electronic Components Datasheet Search
  English  ▼

X  

TCL Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TCL
Description  TCL Series, 24 to 240 Watt
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL Datasheet(HTML) 1 Page - TRACO Electronic AG

  TCL Datasheet HTML 1Page - TRACO Electronic AG TCL Datasheet HTML 2Page - TRACO Electronic AG TCL Datasheet HTML 3Page - TRACO Electronic AG TCL Datasheet HTML 4Page - TRACO Electronic AG TCL Datasheet HTML 5Page - TRACO Electronic AG TCL Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.tracopower.com
Page 1 of 6
Industrial Power Supplies
TCL Series, 24 to 240 Watt
Features
◆
For industrial, office and residential
applications
◆
Ultracompact plastic housing
◆
Connection by spring clamp terminals
or detachable screw terminal block
◆
Reliable snap-on mounting on DIN-rails
◆
Adaptor for wall mounting
◆
Universal input 85–264 VAC, 50/60 Hz
◆
Models with 5, 12, 24 & 48 VDC output
◆
Output voltage adjustable
◆
Power OK signal
◆
Low ripple and noise
◆
Overload and short-circuit protection
◆
Parallel operation possible
◆
Worldwide safety approvals
◆
Redundancy module
◆
3-year product warranty
The TRACO POWER TCL series is a family of DIN-rail power supplies with an excel-
lent price/performance ratio. With tightly regulated output voltage and high im-
munity against electrical disturbances on the mains they provide a reliable power
source for sensitive loads in industrial process controls, machine tools and other
equipment exposed to a difficult industrial environment. Compact size, light weight,
easy snap-on mounting on DIN-rails and the choice of two connection terminal
versions are other features of these power supplies. The TCL series complies with all
major safety standards for Europe (EN60950-1, EN50178), North America (UL/cUL
60950, UL 508 listed) or elsewhere in the world (CB-Report).
Order Code
Input Voltage
Output Power
*Output Voltage
Output Current
Connection
Ranges
max.
nom.
max.
TCL 024–105
20 W
5 VDC
4.0 A
TCL 024–112
24 W
12 VDC
2.0 A
TCL 024–124
85 – 264 VAC
24 VDC
1.0 A
TCL 060–112
Universal Input
48 W
12 VDC
4.0 A
TCL 060–124
50/60 Hz
60 W
24 VDC
2.5 A
Detachable screw
TCL 060–148
85 – 375 VDC
48 VDC
1.25 A
terminal blocks
TCL 120–112
96 W
12 VDC
8.0 A
TCL 120–124
120 W
24 VDC
5.0 A
TCL 240–124
85–132/187–264 VAC
240 W
24 VDC
10.0 A
TCL 024–124C
24 W
24 VDC
1.0 A
TCL 060–112C
85 – 264 VAC
48 W
12 VDC
4.0 A
TCL 060–124C
Universal Input
60 W
24 VDC
2.5 A
TCL 060–148C
50/60 Hz
48 VDC
1.25 A
Spring clamp
TCL 120–112C
85 – 375 VDC
96 W
12 VDC
8.0 A
terminals
TCL 120–124C
120 W
24 VDC
5.0 A
Models
UL 60950UL 508C
UL 60950-1
* adjustable


Similar Part No. - TCL

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
TCL EXXELIA-TCL Datasheet
793Kb / 18P
High Voltage Varnished Leaded Capacitors
02/21
logo
TRACO Electronic AG
TCL-012-124-DC TRACOPOWER-TCL-012-124-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-105-DC TRACOPOWER-TCL-024-105-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-112-DC TRACOPOWER-TCL-024-112-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-124-DC TRACOPOWER-TCL-024-124-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
More results

Similar Description - TCL

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P VOLGEN-KTPS24-0540DT-2P Datasheet
1Mb / 1P
Volgen 24 Watt Desktop Series
KTPS24-05040MP VOLGEN-KTPS24-05040MP Datasheet
4Mb / 1P
Volgen 24 Watt Series
KTPS24-05040WA VOLGEN-KTPS24-05040WA Datasheet
2Mb / 1P
Volgen 24 Watt Series
logo
ETA-USA
PLE-HSZ ETA-USA-PLE-HSZ Datasheet
609Kb / 3P
240 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TCL-DC TRACOPOWER-TCL-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TIB240-EX TRACOPOWER-TIB240-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 240-EX Series, 240 Watt
Rev. November 30, 2022
TIB240 TRACOPOWER-TIB240 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 240 Series, 240 Watt
Rev. November 30, 2022
TIW24 TRACOPOWER-TIW24 Datasheet
1Mb / 4P
AC/DC Power Supply TIW 24 Series, 24 Watt
Rev. November 30, 2022
TMM24 TRACOPOWER-TMM24 Datasheet
1Mb / 5P
AC/DC Power Supply TMM 24 Series, 24 Watt
Rev. March 16, 2023
TXH240 TRACOPOWER-TXH240 Datasheet
3Mb / 4P
AC/DC Power Supply TXH 240 Series, 240 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com