Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610RDFR Datasheet(PDF) 27 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 23Page - Texas Instruments TLVM13610RDFR Datasheet HTML 24Page - Texas Instruments TLVM13610RDFR Datasheet HTML 25Page - Texas Instruments TLVM13610RDFR Datasheet HTML 26Page - Texas Instruments TLVM13610RDFR Datasheet HTML 27Page - Texas Instruments TLVM13610RDFR Datasheet HTML 28Page - Texas Instruments TLVM13610RDFR Datasheet HTML 29Page - Texas Instruments TLVM13610RDFR Datasheet HTML 30Page - Texas Instruments TLVM13610RDFR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
10 Device and Documentation Support
10.1 Device Support
10.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
10.1.2 Development Support
With an input operating voltage from 3 V to 36 V and rated output current up to 10 A, the TLVM13610
synchronous buck power module provides flexibility, scalability and optimized solution size for a range of
applications. These modules enable DC/DC solutions with high density, low EMI and increased flexibility.
Available EMI mitigation features include RBOOT-configured switch-node slew rate control, and integrated input
bypass capacitors.
Table 10-1. Synchronous Buck DC/DC Power Module Family
DC/DC MODULE
RATED IOUT PACKAGE
DIMENSIONS
FEATURES
EMI MITIGATION
TLVM13610
8 A
B3QFN (22)
6.5 × 7.5 × 4 mm
RT adjustable
FSW, external
synchronization,MODE
adjustable (PFM/FPWM)
DRSS, RBOOT, integrated
input, VCC and BOOT
capacitors
For development support see the following:
• For TI's reference design library, visit the TI Reference Design library.
• For TI's WEBENCH Design Environment, visit the WEBENCH® Design Center.
• To design a low-EMI power supply, review TI's comprehensive EMI Training Series.
• To design an inverting buck-boost (IBB) regulator, visit DC/DC inverting buck-boost modules.
• TI Reference Designs:
– Multiple Output Power Solution For Kintex 7 Application
– Arria V Power Reference Design
– Altera Cyclone V SoC Power Supply Reference Design
– Space-optimized DC/DC Inverting Power Module Reference Design With Minimal BOM Count
– 3- To 11.5-VIN, –5-VOUT, 1.5-A Inverting Power Module Reference Design For Small, Low-noise Systems
• Technical Articles:
– Powering Medical Imaging Applications With DC/DC Buck Converters
– How To Create A Programmable Output Inverting Buck-boost Regulator
• To view a related device of this product, see the LM61495 36-V, 10-A synchronous buck converter.
10.1.2.1 Custom Design with WEBENCH® Tools
Click here to create a custom design using the TLVM13610 module with WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance.
• Run thermal simulations to understand board thermal performance.
• Export customized schematic and layout into popular CAD formats.
• Print PDF reports for the design, and share the design with colleagues.
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com