Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610RDFR Datasheet(PDF) 34 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 27Page - Texas Instruments TLVM13610RDFR Datasheet HTML 28Page - Texas Instruments TLVM13610RDFR Datasheet HTML 29Page - Texas Instruments TLVM13610RDFR Datasheet HTML 30Page - Texas Instruments TLVM13610RDFR Datasheet HTML 31Page - Texas Instruments TLVM13610RDFR Datasheet HTML 32Page - Texas Instruments TLVM13610RDFR Datasheet HTML 33Page - Texas Instruments TLVM13610RDFR Datasheet HTML 34Page - Texas Instruments TLVM13610RDFR Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
EXAMPLE STENCIL DESIGN
4226290/A 09/2020
www.ti.com
B3QFN - 4.05 mm max height
RDF0022A
PLASTIC QUAD FLAT PACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SOLDER COVERAGE
:
PIN 19 TO 22 : 82%
SCALE: 12X
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
(R 0.05) TYP
3X (2.25)
3X (0.75)
2X (6.5)
0.000 PKG ℄
12X (0.95)
(5.7)
12X (0.95)
20X (0.65)
4X (1.4)
14X (1.2)
4X (0.9)
1
9
10
18
19
4X (1.075)
14X (0.25)
20
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com