Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610RDFR Datasheet(PDF) 16 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 12Page - Texas Instruments TLVM13610RDFR Datasheet HTML 13Page - Texas Instruments TLVM13610RDFR Datasheet HTML 14Page - Texas Instruments TLVM13610RDFR Datasheet HTML 15Page - Texas Instruments TLVM13610RDFR Datasheet HTML 16Page - Texas Instruments TLVM13610RDFR Datasheet HTML 17Page - Texas Instruments TLVM13610RDFR Datasheet HTML 18Page - Texas Instruments TLVM13610RDFR Datasheet HTML 19Page - Texas Instruments TLVM13610RDFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
is within its valid operating range. However, many applications benefit from the use of an enable divider network
as shown in Figure 8-1, which establishes a precision input undervoltage lockout (UVLO). This can be used for
sequencing, to prevent re-triggering the device when used with long input cables, or to reduce the occurrence of
deep discharge of a battery power source. An external logic signal can also be used to drive the enable input to
toggle the output on and off and for system sequencing or protection.
Calculate RENB using Equation 6:
RENBkΩ =RENTkΩ × VEN_RISE V
VINon V−VEN_RISE V
(6)
where
• A typical value for RENT is 100 kΩ.
• VEN_RISE is enable rising threshold voltage of 1.263 V (typical).
• VIN(on) is the desired start-up input voltage.
8.3.7 Power-Good Monitor (PG)
The TLVM13610 provides a power-good status signal to indicate when the output voltage is within a regulation
window of 94% to 112%. The PG voltage goes low when the feedback (FB) voltage is outside of the specified
PGOOD thresholds (see Figure 7-7). This action can occur during current limit and thermal shutdown, as well as
when disabled and during start-up.
PG is an open-drain output, requiring an external pullup resistor to a DC supply, such as VCC or VOUT. To limit
current supplied by VCC, the recommended range of pullup resistance is 20 kΩ to 100 kΩ. A 26-µs deglitch filter
prevents false flag operation for short excursions of the output voltage, such as during line and load transients.
When EN is pulled low, PG is forced low and remains remains valid as long as the input voltage is above 1 V
(typical). Use the PG signal for start-up sequencing of downstream regulators, as shown in Figure 8-2, or for
fault protection and output monitoring.
8
FB
17 EN
RUV1
1 M
VOUT1 = 5 V
RFB1
RFB2
40.2 k
10 k
1 V
8
FB
17
RPG
100 k
RFB3
RFB4
23.2 k
10 k
1 V
VOUT2 = 3.3 V
VIN(on) = 13.9 V
VIN(off) = 10 V
Regulator #1
Start-up based on
input voltage UVLO
Regulator #2
Sequential start-up
based on PG
PG 13
PG 13
RUV2
100 k
EN
Figure 8-2. TLVM13610 Sequencing Implementation Using PG and EN
8.3.8 Adjustable Switch-Node Slew Rate (RBOOT, CBOOT)
Adjust the switch-node slew rate of the TLVM13610 to slow the switch-node voltage rise time and improve EMI
performance at high frequencies. However, slowing the rise time decreases efficiency. Care must be taken to
balance the improved EMI versus the decreased efficiency.
Place a resistor from RBOOT and CBOOT to allow adjustment of the internal resistance to balance EMI and
efficiency performance. If improved EMI is not required, connect RBOOT to CBOOT to short the internal resistor,
thus resulting in highest efficiency. If lower EMI is required, connect a resistor from 100 Ω - 500 Ω to. Floating
the RBOOT pin results in 20-ns rise time and is not recommended due to increased power loss for higher load
currents.
TLVM13610
SLVSH63 – FEBRUARY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com