Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610RDFR Datasheet(PDF) 24 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 20Page - Texas Instruments TLVM13610RDFR Datasheet HTML 21Page - Texas Instruments TLVM13610RDFR Datasheet HTML 22Page - Texas Instruments TLVM13610RDFR Datasheet HTML 23Page - Texas Instruments TLVM13610RDFR Datasheet HTML 24Page - Texas Instruments TLVM13610RDFR Datasheet HTML 25Page - Texas Instruments TLVM13610RDFR Datasheet HTML 26Page - Texas Instruments TLVM13610RDFR Datasheet HTML 27Page - Texas Instruments TLVM13610RDFR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
9.3 Power Supply Recommendations
The TLVM13610 buck module is designed to operate over a wide input voltage range of 3 V to 36 V. The
characteristics of the input supply must be compatible with the Absolute Maximum Ratings and Recommended
Operating Conditions in this data sheet. In addition, the input supply must be capable of delivering the required
input current to the loaded regulator circuit. Estimate the average input current with Equation 9.
IIN= VOUT×IOUT
VIN×η
(9)
where
• η is the efficiency.
If the module is connected to an input supply through long wires or PCB traces with a large impedance, take
special care to achieve stable performance. The parasitic inductance and resistance of the input cables can
have an adverse affect on module operation. More specifically, the parasitic inductance in combination with
the low-ESR ceramic input capacitors form an underdamped resonant circuit, possibly resulting in instability or
voltage transients each time the input supply is cycled ON and OFF. The parasitic resistance causes the input
voltage to dip during a load transient. If the module is operating close to the minimum input voltage, this dip can
cause false UVLO triggering and a system reset.
The best way to solve such issues is to reduce the distance from the input supply to the module and use an
electrolytic input capacitor in parallel with the ceramics. The moderate ESR of the electrolytic capacitor helps
damp the input resonant circuit and reduce any overshoot or undershoot at the input. A capacitance in the range
of 47 μF to 100 μF is usually sufficient to provide input parallel damping and helps hold the input voltage steady
during large load transients. A typical ESR of 0.1 Ω to 0.4 Ω provides enough damping for most input circuit
configurations.
9.4 Layout
Proper PCB design and layout is important in high-current, fast-switching module circuits (with high internal
voltage and current slew rates) to achieve reliable device operation and design robustness. Furthermore, the
EMI performance of the module depends to a large extent on PCB layout.
9.4.1 Layout Guidelines
The following list summarizes the essential guidelines for PCB layout and component placement to optimze
DC/DC module performance, including thermals and EMI signature. Figure 9-12 and Figure 9-13 show a
recommended PCB layout for the TLVM13610 with optimized placement and routing of the power-stage and
small-signal components.
• Place input capacitors as close as possible to the VIN pins. Note the dual and symmetrical arrangement
of the input capacitors based on the VIN1 and VIN2 pins located on each side of the module package.
The high-frequency currents are split in two and effectively flow in opposing directions such that the related
magnetic fields contributions cancel each other, leading to improved EMI performance.
– Use low-ESR 1206 or 1210 ceramic capacitors with X7R or X7S dielectric. The module has integrated
dual 0402 input capacitors for high-frequency bypass.
– Ground return paths for the input capacitors must consist of localized top-side planes that connect to the
PGND pads under the module.
– Even though the VIN pins are connected internally, use a wide polygon plane on a lower PCB layer to
connect these pins together and to the input supply.
• Place output capacitors as close as possible to the VOUT pins. A similar dual and symmetrical arrangement
of the output capacitors enables magnetic field cancellation and EMI mitigation.
– Ground return paths for the output capacitors must consist of localized top-side planes that connect to the
PGND pads under the module.
– Even though the VOUT pins are connected internally, use a wide polygon plane on a lower PCB layer to
connect these pins together and to the load, thus reducing conduction loss and thermal stress.
TLVM13610
SLVSH63 – FEBRUARY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com