Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610RDFR Datasheet(PDF) 19 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 15Page - Texas Instruments TLVM13610RDFR Datasheet HTML 16Page - Texas Instruments TLVM13610RDFR Datasheet HTML 17Page - Texas Instruments TLVM13610RDFR Datasheet HTML 18Page - Texas Instruments TLVM13610RDFR Datasheet HTML 19Page - Texas Instruments TLVM13610RDFR Datasheet HTML 20Page - Texas Instruments TLVM13610RDFR Datasheet HTML 21Page - Texas Instruments TLVM13610RDFR Datasheet HTML 22Page - Texas Instruments TLVM13610RDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
9 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TLVM13610 synchronous buck module requires only a few external components to convert from a wide
range of supply voltages to a fixed output voltage at an output current up to 8 A. To expedite and streamline the
process of designing of a TLVM13610-based regulator, a comprehensive TLVM13610 quickstart calculator tool is
available by download to assist the system designer with component selection for a given application.
9.2 Typical Applications
For the circuit schematic, bill of materials, PCB layout files, and test results of a TLVM13610-powered
implementation, see the TLVM13610EVM.
9.2.1 Design 1 – High-Efficiency 8-A (10-A peak) Synchronous Buck Regulator for Industrial Applications
The following figure shows the schematic diagram of a 5-V, 8-A buck regulator with a switching frequency of 1
MHz. In this example, the target half-load and full-load efficiencies are 93.4% and 91.5%, respectively, based on
a nominal input voltage of 24 V that ranges from 9 V to 36 V. A resistor RRT of 15.8 kΩ sets the free-running
switching frequency at 1 MHz.
PG
EN
RT
PGND
AGND
VOUT1
FB
VLDOIN
VIN1
PGND
VIN2
CIN2
COUT
RFBB
TLVM13610
RRT
IOUT = 8 A
VIN = 9 V to 36 V
RENT
RENB
Optional
external bias
VIN(on) = 6 V
VIN(off) = 4.3 V
RPG
VCC
PGOOD
indicator
VOUT = 5 V
CIN1
VOUT2
CBOOT
RBOOT
3
47 F
15.8 k
24.9 k
100 k
10 F
10 F
49.9 k
187 k
100 k
RFBT
CFF
22 pF
Precision enable
for VIN UVLO
Fsw =1MHz
Figure 9-1. Circuit Schematic
9.2.1.1 Design Requirements
Table 9-1 shows the intended input, output, and performance parameters for this application example. Note that
if the input voltage decreases below approximately 6 V, the regulator operates in dropout with the output voltage
below its 5-V setpoint.
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com