Electronic Components Datasheet Search
  English  ▼

X  

3SE2 Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # 3SE2
Description  Detecting Devices
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3SE2 Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button 3SE2 Datasheet HTML 35Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 36Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 37Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 38Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 39Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 40Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 41Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 42Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
3SE5, 3SE2 Position Switches
Metal enclosures
Enclosure width 56 mm, XL
9/39
Siemens IC 10 · 2011
* You can order this quantity or a multiple thereof.
Illustrations are approximate
■ Selection and ordering data
Complete units
4 or 5 contacts · Degree of protection IP66/IP67 · Cable entry 3 × (M20 × 1.5)
q
Positive opening according to IEC 60947-5-1, Appendix K.
1) Popular versions.
Note: If the device you require is not available as a complete
unit, see "Modular system" on the next page.
Version
Contacts
LEDs
DT Complete units
PU
(UNIT,
SET, M)
PS*
PG
Order No.
Price
per PU
Complete units1) • Enclosure width 56 mm, XL
Plain plunger
Plain plungers
With high-grade steel plunger
Snap-action contacts
2 × (1 NO + 1 NC) --
q
B
3SE5 162-0CB01
1
1 unit
102
Rounded
plunger
Rounded plungers
With high-grade steel plungers, with 3 mm overtravel
Slow-action contacts
1 NO + 1 NC and --
q
B
3SE5 162-0EC02
1
1 unit
102
Slow-action contacts with
make-before-break
1 NO + 2 NC
2 mm travel difference
Roller plunger
Roller plungers
With high-grade steel roller 13 mm, with 3 mm overtravel
Slow-action contacts
2 × (1 NO + 1 NC) --
q
B
3SE5 162-0BD02
1
1 unit
102
Snap-action contacts
2 × (1 NO + 1 NC) --
q
A
3SE5 162-0CD02
1
1 unit
102
Roller lever
Roller levers
With metal lever and plastic roller 22 mm
Slow-action contacts
2 × (1 NO + 1 NC) --
q
B
3SE5 162-0BE01
1
1 unit
102
Snap-action contacts
2 × (1 NO + 1 NC) --
q
A
3SE5 162-0CE01
1
1 unit
102
With metal lever and high-grade steel roller 22 mm
Snap-action contacts
2 × (1 NO + 1 NC) --
q
B
3SE5 162-0CE02
1
1 unit
102
Angular roller
lever
Angular roller levers
With metal lever and plastic roller 22 mm
Snap-action contacts
2 × (1 NO + 1 NC) --
q
B
3SE5 162-0CF01
1
1 unit
102
Twist lever
Twist levers
With metal lever 27 mm and plastic roller 19 mm
Snap-action contacts
2 × (1 NO + 1 NC) --
q
A
3SE5 162-0CH01
1
1 unit
102
IC10_09.book Seite 39 Mittwoch, 15. Dezember 2010 3:41 15
© Siemens AG 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com