Electronic Components Datasheet Search
  English  ▼

X  

3SE2 Datasheet(PDF) 20 Page - Siemens Semiconductor Group

Part # 3SE2
Description  Detecting Devices
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3SE2 Datasheet(HTML) 20 Page - Siemens Semiconductor Group

Back Button 3SE2 Datasheet HTML 16Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 17Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 18Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 19Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 20Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 21Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 22Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 23Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 24Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
3SE5, 3SE2 Position Switches
3SE5, molded-plastic enclosures
Enclosure width 40 mm according to EN 50041
9/20
Siemens IC 10 · 2011
* You can order this quantity or a multiple thereof.
Illustrations are approximate
q
Positively driven actuator, necessary in safety circuits.
1) Can be clinch mounted (turned through 180°, rear of lever).
Version
Diameter
DT Modular system
PU (UNIT,
SET, M)
PS*
PG
mm
Order No.
Price
per PU
Operating mechanisms
Plain plunger
Plain plungers
High-grade steel plungers
10
q
A
3SE5 000-0AB01
1
1 unit
102
Plunger
Rounded plungers, type B acc. to EN 50041
Plastic plungers
10
q
A
3SE5 000-0AC03
1
1 unit
102
Roller plungers, type C acc. to EN 50041
High-grade steel lever, plastic roller
13
q
A
3SE5 000-0AD05
1
1 unit
102
Plastic plunger, high-grade steel roller
13
q
A
3SE5 000-0AD06
1
1 unit
102
Roller lever
Roller levers
Metal lever with plastic roller, plastic base
22
q
A
3SE5 000-0AE05
1
1 unit
102
Angular roller
lever
Angular roller levers
Metal lever with plastic roller, plastic base
22
q
A
3SE5 000-0AF05
1
1 unit
102
Spring rod
Spring rods (for switches with snap-action contacts only)
Plastic plunger:
• Length 142.5 mm (spring 50 mm, plunger 50 mm)
B
3SE5 000-0AR01
1
1 unit
102
• Length 76 mm (spring 23.5 mm, plunger 10 mm)
B
3SE5 000-0AR03
1
1 unit
102
• Length 242.5 mm (spring 150 mm, plunger 50 mm)
B
3SE5 000-0AR04
1
1 unit
102
High-grade steel plunger:
• Length 142.5 mm (spring 50 mm, plunger 50 mm)
B
3SE5 000-0AR02
1
1 unit
102
Twist actuators
Twist actuator
Twist lever
Twist lever,
adjustable
length
Rod actuator
Twist actuators, plastic (without lever)
• For twist levers and rod actuators,
switching right and/or left, adjustable
q
A
3SE5 000-0AJ00
1
1 unit
102
Levers for twist actuators
Twist levers, offset, type A acc. to EN 50041
Metal lever 27 mm, plastic roller
19
q
A
3SE5 000-0AA01
1
1 unit
102
Metal lever 27 mm, high-grade steel roller
19
q
A
3SE5 000-0AA02
1
1 unit
102
Metal lever 27 mm, roller with ball bearing
19
q
B
3SE5 000-0AA03
1
1 unit
102
Metal lever 27 mm, 2 plastic rollers
19
q
B
3SE5 000-0AA04
1
1 unit
102
Metal lever 27 mm, plastic roller
30
q
B
3SE5 000-0AA05
1
1 unit
102
Metal lever 27 mm, rubber roller
50
q
B
3SE5 000-0AA08
1
1 unit
102
High-grade steel lever 27 mm, plastic roller
19
q
B
3SE5 000-0AA11
1
1 unit
102
High-grade steel lever 27 mm, high-grade steel
roller
19
q
B
3SE5 000-0AA12
1
1 unit
102
Metal lever 35 mm, plastic roller
19
q
B
3SE5 000-0AA15
1
1 unit
102
Twist levers 30 mm, straight1)
Metal lever, plastic roller
19
q
B
3SE5 000-0AA24
1
1 unit
102
Metal lever, plastic roller
30
q
B
3SE5 000-0AA26
1
1 unit
102
Twist levers, adjustable length, with grid hole
Metal lever, plastic roller
19
q
B
3SE5 000-0AA60
1
1 unit
102
Metal lever, high-grade steel roller
19
q
B
3SE5 000-0AA61
1
1 unit
102
Metal lever, rubber roller
50
q
B
3SE5 000-0AA68
1
1 unit
102
High-grade steel lever, plastic roller
19
q
B
3SE5 000-0AA62
1
1 unit
102
High-grade steel lever, high-grade steel roller
19
q
B
3SE5 000-0AA63
1
1 unit
102
Twist levers, adjustable length
Metal lever, plastic roller
19
A
3SE5 000-0AA50
1
1 unit
102
Metal lever, high-grade steel roller
19
B
3SE5 000-0AA51
1
1 unit
102
Metal lever, plastic roller
30
B
3SE5 000-0AA55
1
1 unit
102
Metal lever, rubber roller
50
B
3SE5 000-0AA58
1
1 unit
102
High-grade steel lever, plastic roller
19
B
3SE5 000-0AA52
1
1 unit
102
High-grade steel lever, high-grade steel roller
19
B
3SE5 000-0AA53
1
1 unit
102
Rod actuators, type D acc. to EN 50041
Aluminum rod, length 200 mm
6
B
3SE5 000-0AA80
1
1 unit
102
Spring rod, length 200 mm
6
B
3SE5 000-0AA81
1
1 unit
102
Plastic rod, length 200 mm
6
B
3SE5 000-0AA82
1
1 unit
102
IC10_09.book Seite 20 Mittwoch, 15. Dezember 2010 3:41 15
© Siemens AG 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com