Electronic Components Datasheet Search
  English  ▼

X  

3SE2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # 3SE2
Description  Detecting Devices
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3SE2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  3SE2 Datasheet HTML 1Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 2Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 3Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 4Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 5Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 6Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 7Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 8Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
Detecting Devices
Introduction
9/2
Siemens IC 10 · 2011
■ Overview
✓ Available
-- Not available
3SE5 23.,
3SE5 21.
3SF1 2.4
3SE5 24.,
3SF1 244
3SE5 13.,
3SE5 11.,
3SF1 114
3SE5 12.,
3SF1 124
3SE5 16.
3SE5 232,
3SE5 212,
3SF1 2.4
3SE5 132,
3SE5 112,
3SF1 1.4
Position switches, standard
Hinge switches
Enclosures
Plastic
✓
✓
✓
--
--
✓
✓
Metal
✓
--
✓
✓
✓
✓
✓
Dimensions (W x H x D) in mm
31 × 68 × 33
50 × 53 × 33
40 × 78 × 38
56 × 78 × 38
56 × 100 × 38 31 × 68 × 33
40 × 78 × 38
Degree of protection
IP65,
IP66/IP67
IP66/IP67
IP66/IP67
IP66/IP67
IP66/IP67
IP65,
IP66/IP67
IP66/IP67
Standards
IEC 60947-5-1
Mounting and
operating
points acc. to
EN 50047
Operating
points acc. to
EN 50047
Mounting and
operating
points acc. to
EN 50041
Operating
points acc. to
EN 50041
Operating
points acc. to
EN 50047
Mounting and
operating
points acc. to
EN 50047
Mounting and
operating
points acc. to
EN 50041
Approvals
CE, UL, CSA, CCC
CE, UL, CSA, CCC
CE, UL, CSA, CCC
Contact blocks
2 slow-action contacts
1 NO + 1 NC, 2 NC
1 NO + 1 NC, 2 NC
--
1 NO + 1 NC
2 snap-action contacts
1 NO + 1 NC
1 NO + 1 NC
--
1 NO + 1 NC
• Short stroke
1 NO + 1 NC
✓
--
✓
• With 2 × 2 mm contact gap
1 NO + 1 NC
✓
--
✓
3 slow-action contacts
1 NO + 2 NC, 2 NO + 1 NC
1 NO + 2 NC, 2 NO + 1 NC
--
1 NO + 2 NC
• With make-before-break
1 NO + 2 NC
1 NO + 2 NC
--
1 NO + 2 NC
3 snap-action contacts
1 NO + 2 NC
1 NO + 2 NC
--
1 NO + 2 NC
2 x (2 or 3 contacts)
--
--
✓
--
Special features
LED status display
✓
✓
--
✓
Increased corrosion protection
✓
✓
✓
✓
Explosion protection (ATEX)
--
✓✓
✓
ASIsafe integrated
✓
✓
--
✓
Electrical specifications
Insulation voltage Ui
400 V
400 V
400 V
Conventional thermal current Ithe
6 A/10 A (3-/2-pole)
6 A/10 A (3-/2-pole)
6 A/10 A (3-/2-pole)
Connections
Cable entry
1 × M20 × 1.5 2 × M20 × 1.5 1 × M20 × 1.5 3 × M20 × 1.5 1 × M20 × 1.5 1 × M20 × 1.5 1 × M20 × 1.5
M12 connector socket, 4-, 5- or
8-pole
✓
✓
✓
✓
✓
✓
✓
Connector socket, 6-pole + PE
--
--
✓
✓
--
--
--
Actuators
Rounded plungers and roller plungers ✓✓
--
Roller and angular roller levers
✓✓
--
Spring rods
✓✓
--
Twist levers and rod actuators
✓✓
--
Fork levers
--
✓
--
Hinge switches
--
--
✓
Page
Complete units
9/13
9/21
9/31
9/35
9/39
9/70
9/71
Modular system
9/15
9/23
9/33
9/37
9/40
--
--
Ambient temperature -40 °C
9/25
9/25
9/42
9/42
--
--
--
ASIsafe
9/84
9/84
9/88
9/88
--
9/97
9/98
ATEX
9/75
--
9/78
9/78
9/79
9/77
9/81
IC10_09.book Seite 2 Mittwoch, 15. Dezember 2010 3:41 15
© Siemens AG 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com