Electronic Components Datasheet Search
  English  ▼

X  

3SE2 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # 3SE2
Description  Detecting Devices
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3SE2 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button 3SE2 Datasheet HTML 17Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 18Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 19Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 20Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 21Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 22Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 23Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 24Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
3SE5, 3SE2 Position Switches
3SE5, molded-plastic enclosures
Enclosure width 50 mm
9/21
Siemens IC 10 · 2011
* You can order this quantity or a multiple thereof.
Illustrations are approximate
■ Selection and ordering data
Complete units
2 or 3 contacts · Degree of protection IP66/IP67 · Cable entry 2 × (M20 × 1.5)
q
Positive opening according to IEC 60947-5-1, Appendix K.
1) Popular versions.
2) Subsequent replacement of contact blocks is not possible.
Version
Contacts
LEDs
DT Complete units
PU
(UNIT,
SET, M)
PS*
PG
Order No.
Price
per PU
Complete units1) • Enclosure width 50 mm
Rounded
plunger
Rounded plungers
With teflon plunger
Slow-action contacts
1 NO + 1 NC --
q
A
3SE5 242-0BC05
1
1 unit
102
Snap-action contacts
1 NO + 1 NC --
q
B
3SE5 242-0CC05
1
1 unit
102
Snap-action contacts, integrated2) 1 NO + 1 NC --
q
}
3SE5 242-0HC05
1
1 unit
102
Snap-action contacts
• Short-stroke, integrated2)
1 NO + 1 NC --
q
B
3SE5 242-0FC05
1
1 unit
102
Snap-action contacts
• 2 × 2 mm contact gap
1 NO + 1 NC --
q
B
3SE5 242-0GC05
1
1 unit
102
Slow-action contacts
1 NO + 2 NC --
q
B
3SE5 242-0KC05
1
1 unit
102
Snap-action contacts
1 NO + 2 NC --
q
B
3SE5 242-0LC05
1
1 unit
102
Slow-action contacts with
make-before-break
1 NO + 2 NC --
q
A
3SE5 242-0MC05
1
1 unit
102
Slow-action contacts
2 NO + 1 NC --
q
A
3SE5 242-0PC05
1
1 unit
102
With increased
corrosion
protection
With increased corrosion protection
Slow-action contacts
1 NO + 1 NC --
q
B
3SE5 242-0BC05-1CA0
1
1 unit
102
Snap-action contacts, integrated2) 1 NO + 1 NC --
q
B
3SE5 242-0HC05-1CA0
1
1 unit
102
Slow-action contacts
1 NO + 2 NC --
q
B
3SE5 242-0KC05-1CA0
1
1 unit
102
Snap-action contacts
1 NO + 2 NC --
q
B
3SE5 242-0LC05-1CA0
1
1 unit
102
Slow-action contacts with
make-before-break
1 NO + 2 NC --
q
B
3SE5 242-0MC05-1CA0
1
1 unit
102
Slow-action contacts
2 NO + 1 NC --
q
B
3SE5 242-0PC05-1CA0
1
1 unit
102
With 2 LEDs
With 2 LEDs, yellow/green
Slow-action contacts
1 NO + 2 NC 24 V DC
q
B
3SE5 242-1KC05
1
1 unit
102
Snap-action contacts
1 NO + 2 NC 24 V DC
q
B
3SE5 242-1LC05
1
1 unit
102
Slow-action contacts
1 NO + 2 NC 230 V AC
q
B
3SE5 242-3KC05
1
1 unit
102
Snap-action contacts
1 NO + 2 NC 230 V AC
q
B
3SE5 242-3LC05
1
1 unit
102
Roller plunger
Roller plungers
With plastic roller 10 mm
Slow-action contacts
1 NO + 1 NC --
q
B
3SE5 242-0BD03
1
1 unit
102
Snap-action contacts, integrated2) 1 NO + 1 NC --
q
B
3SE5 242-0HD03
1
1 unit
102
Snap-action contacts
1 NO + 2 NC --
q
B
3SE5 242-0LD03
1
1 unit
102
IC10_09.book Seite 21 Mittwoch, 15. Dezember 2010 3:41 15
© Siemens AG 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com