Electronic Components Datasheet Search
  English  ▼

X  

3SE2 Datasheet(PDF) 68 Page - Siemens Semiconductor Group

Part # 3SE2
Description  Detecting Devices
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3SE2 Datasheet(HTML) 68 Page - Siemens Semiconductor Group

Back Button 3SE2 Datasheet HTML 64Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 65Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 66Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 67Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 68Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 69Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 70Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 71Page - Siemens Semiconductor Group 3SE2 Datasheet HTML 72Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
3SE5, 3SE2 Position Switches
Hinge Switches
General data
9/68
Siemens IC 10 · 2011
■ Overview
3SE5 hinge switches have the same enclosures as the standard
switches (modular system).
Hinge switches
Design
Enclosure sizes
The 3SE5 switches are available as complete units in two enclo-
sure sizes:
• Molded-plastic enclosures according to EN 50047, 31 mm
wide, IP65, 1 cable entry
• Metal enclosures according to EN 50047, 31 mm wide,
IP66/IP67, 1 cable entry
• Plastic and metal enclosures according to EN 50041, 40 mm
wide, IP66/IP67, 1 cable entry
Enclosure versions
Various basic versions can be selected for the enclosures:
• Available with two or three-pole switching elements designed
as snap-action contacts
• Metal enclosures for explosion protection (ATEX) (see pages
9/77 and 9/81)
• AS-Interface version with integrated ASIsafe electronics for all
enclosure designs (see page 9/97)
For a description of the basic switches see page 9/4.
Operating mechanism
The hinge switches are provided for mounting on hinges. The
actuator head is included in the scope of supply. There are two
versions:
• Operating mechanism with hollow shaft, inner diameter 8 mm,
outer 12 mm
• Operating mechanism with solid shaft, diameter 10 mm
■ Benefits
The 3SE5 hinge switches differ from the previous series through
the following new characteristics:
• All actuators can be turned around the axis in increments of
22.5° (see picture on page 9/5).
• The new three-pole contact block 1 NO + 2 NC is available for
all enclosure sizes (see picture on page 9/5).
• The molded-plastic enclosure with a width of 31 mm has sim-
ple and fast wiring equipment which makes it possible to save
from approx. 20 to 25 % of the time when connecting (see pic-
ture on page 9/5).
• The ASIsafe electric component is integrated for the versions
with the AS-Interface connection (see page 9/82); an addi-
tional adapter is not required.
■ Application
The hinge switches are used in those areas where the position of
swivelable protective devices such as doors or flaps must be
monitored. The position of the doors and hinge switches is con-
verted into electric signals with the switches. The switches al-
lows shutdown and signaling without delay in the event of a
small opening angle through the snap-action contacts with an
operating angle of 10°.
Devices are available with enclosure versions to suit the partic-
ular ambient conditions. Different control tasks can be per-
formed with the best contact blocks suited for the particular pur-
pose. Dimensions and fixing points of the enclosures are in
accordance with EN 50041 or EN 50047 standards.
The devices are suitable for use in any climate.
Standards
IEC 60947-5-1 or EN 60947-5-1.
The protective measure of "total insulation" by the molded-plastic
enclosure is guaranteed by the use of molded-plastic
screw-glands.
Safety position switches
For controls according to IEC 60204-1 or EN 60204-1 the de-
vices can be used as a safety position switch. To secure position
switches against changes in their position, keyed techniques
must be employed on installation.
Safety circuits
IEC 60947-5-1 and EN 60947-5-1 require positive opening of the
NC contacts, i.e. for the purposes of personal safety, the assured
opening of NC contacts is expressly stipulated for the electrical
equipment of machines in all safety circuits and marked accord-
ing to IEC 60947-5-1 with the symbol q.
Category 4 according to EN 954-1 can be attained with the 3SE5
hinge switches with q if the corresponding failsafe evaluation
units are selected and correctly installed, e.g. the 3TK28 safety
relays or matching devices from the ASIsafe, SIMATIC or
SINUMERIK product ranges.
IC10_09.book Seite 68 Mittwoch, 15. Dezember 2010 3:41 15
© Siemens AG 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com