Electronic Components Datasheet Search
  English  ▼

X  

TM320LC203 Datasheet(PDF) 58 Page - Texas Instruments

Part # TM320LC203
Description  DIGITAL SIGNAL PROCESSORS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM320LC203 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TM320LC203 Datasheet HTML 54Page - Texas Instruments TM320LC203 Datasheet HTML 55Page - Texas Instruments TM320LC203 Datasheet HTML 56Page - Texas Instruments TM320LC203 Datasheet HTML 57Page - Texas Instruments TM320LC203 Datasheet HTML 58Page - Texas Instruments TM320LC203 Datasheet HTML 59Page - Texas Instruments TM320LC203 Datasheet HTML 60Page - Texas Instruments TM320LC203 Datasheet HTML 61Page - Texas Instruments TM320LC203 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
58
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
XF, TOUT, RS, INT1 – INT3, NMI, and BIO timing
switching characteristics over recommended operating conditions for TMS320C203 @ 5 V
(see Figure 13)
PARAMETER
ALTERNATE
SYMBOL
’320C203-40
’320C203-57
’320C203-80
UNIT
SYMBOL
MIN
MAX
MIN
MAX
td(COH-XF)
Delay time, CLKOUT1 high to XF valid
td(XF)
0†
13
0†
10
ns
td(COH-TOUT)
Delay time, CLKOUT1 high to TOUT high / low
td(TOUT)
0†
11†
0†
11
ns
tw(TOUT)
Pulse duration, TOUT high
2H – 12
2H – 9
ns
† Values derived from characterization data and not tested
timing requirements over recommended operating conditions for TMS320C203 @ 5 V
[H = 0.5tc(CO)] (see Figure 14 and Figure 15)
ALTERNATE
SYMBOL
’320C203-40
’320C203-57
’320C203-80
UNIT
SYMBOL
MIN
MAX
MIN
MAX
tsu(RS-CIL)
Setup time, RS before CLKIN low
tsu(RS)CIL
11
9
ns
tsu(RS-COL)
Setup time, RS before CLKOUT1 low
tsu(RS)COL
14
11
ns
tw(RSL)
Pulse duration, RS low‡
12H
12H
ns
td(RS-RST)
Delay time, RS high to reset-vector fetch
td(EX)
34H
34H
ns
tsu(IN-COLS)
Setup time, INTN before CLKOUT1 low (synchronous)
tsu(IN)COL
10
10
ns
th(COLS-IN)
Hold time, INTN after CLKOUT1 low (synchronous)
th(IN)COL
1
1
ns
tw(IN)
Pulse duration, INTN low
2H + 18
2H + 16
ns
td(IN-INT)
Delay time, INTN low to interrupt-vector fetch
td(IN)
12H
12H
ns
‡ This parameter assumes the CLKOUT1 to be stable before RS goes active.
tw(TOUT)
td(COH-TOUT)
td(COH-XF)
CLKOUT1
XF
TOUT
Figure 13. XF and TOUT Timing for TMS320C203/LC203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com