Electronic Components Datasheet Search
  English  ▼

X  

TM320LC203 Datasheet(PDF) 19 Page - Texas Instruments

Part # TM320LC203
Description  DIGITAL SIGNAL PROCESSORS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM320LC203 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TM320LC203 Datasheet HTML 15Page - Texas Instruments TM320LC203 Datasheet HTML 16Page - Texas Instruments TM320LC203 Datasheet HTML 17Page - Texas Instruments TM320LC203 Datasheet HTML 18Page - Texas Instruments TM320LC203 Datasheet HTML 19Page - Texas Instruments TM320LC203 Datasheet HTML 20Page - Texas Instruments TM320LC203 Datasheet HTML 21Page - Texas Instruments TM320LC203 Datasheet HTML 22Page - Texas Instruments TM320LC203 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory (continued)
TMS320C209 (only)
The mask-programmable ROM is located in program memory space. Customers can arrange to have this ROM
programmed with contents unique to any particular application. The ROM is enabled or disabled by the state
of the MP/MC control input upon resetting the device. The ROM occupies the lowest block of program memory
when enabled. When disabled, these addresses are located in the device’s external program memory space.
The ’C209 devices provide two types of RAM: single-access RAM (SARAM) and dual-access RAM (DARAM).
The SARAM requires a full machine cycle to perform a read or a write. However, this is not one large RAM block
in which only one access per cycle is allowed. It is made up of 2K-word size-independent RAM blocks and each
one allows one CPU access per cycle. The CPU can read or write one block while accessing another block at
the same time. The ’C209 processor supports multiple accesses to its SARAM in one cycle as long as they go
to different RAM blocks. With an understanding of this structure, code and data can be appropriately arranged
to improve code performance.
The TMS320C203 includes three registers mapped to internal data space and peripheral registers mapped to
internal I/O space. Figure 1, Table 6, and Table 7 describe these registers and show their respective addresses.
They also show the effects of the memory-control pin BOOT and control bit CNF on the mapping of the
respective memory spaces to on-chip or off-chip memory.
Both of the TMS320C2xx devices include 544
× 16 words of dual-access RAM. The ’C209 device includes
4K
× 16 words of single-access RAM and 4K × 16 words of ROM integrated with CPU. Figure 1, Table 6, and
Table 7 show the mapping of the memory blocks and the appropriate control bits and pins for the ’C203. For
the ’C209 devices, Figure 2, Table 8, and Table 9, show the effects of the memory-control pins MP/MC and
RAMEN, and control bit CNF on the mapping of the respective memory spaces to on-chip or off-chip memory.
On-Chip DARAM
B0 (CNF = 0)
Reserved (CNF = 1)
Interrupts
(External)
0000
0040
External
FDFF
Reserved (CNF = 1)
External (CNF = 0)
FE00
On-Chip DARAM
B0 (CNF = 1)
External (CNF = 0)
FF00
FFFF
Hex
Program
BOOT = 1
Microprocessor Mode
Interrupts
(External)
0000
0040
External
FDFF
FE00
FEFF
On-Chip DARAM
B0 (CNF = 1)
External (CNF = 0)
FF00
FFFF
Hex
Program
BOOT = 0
Microprocessor Mode
(Boot-Loader Enabled)
Memory-Mapped
Registers and
Reserved
0000
Hex
Data
On-Chip
DARAM B2
0060
Reserved
0080
01FF
On-Chip
DARAM B1
0300
0200
0400
Reserved
07FF
External
0800
FFFF
Reserved (CNF = 1)
External (CNF = 0)
003F
FEFF
005F
007F
02FF
03FF
003F
Figure 1. TMS320C203/LC203 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com