Electronic Components Datasheet Search
  English  ▼

X  

TM320LC203 Datasheet(PDF) 65 Page - Texas Instruments

Part # TM320LC203
Description  DIGITAL SIGNAL PROCESSORS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM320LC203 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TM320LC203 Datasheet HTML 61Page - Texas Instruments TM320LC203 Datasheet HTML 62Page - Texas Instruments TM320LC203 Datasheet HTML 63Page - Texas Instruments TM320LC203 Datasheet HTML 64Page - Texas Instruments TM320LC203 Datasheet HTML 65Page - Texas Instruments TM320LC203 Datasheet HTML 66Page - Texas Instruments TM320LC203 Datasheet HTML 67Page - Texas Instruments TM320LC203 Datasheet HTML 68Page - Texas Instruments TM320LC203 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over case temperature range (unless otherwise noted) (’320C209 only)†
Supply voltage range, VDD (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TC
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions for TMS320C209 @ 5 V
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Supply voltage
5-V operation
4.5
5
5.5
V
VSS
Supply voltage
0
V
CLKIN/X2
3
VDD +0 3
VIH
High-level input voltage
CLKIN/X2
3
VDD + 0.3
V
VIH
High-level in ut voltage
Inputs
2.0
VDD + 0.3
V
CLKIN/X2
– 0.3
0.7
VIL
Low-level input voltage
RS
0.8
V
All other inputs
– 0.3
0.8
IOH
High-level output current
– 300
µA
IOL
Low-level output current
2
mA
TC
Case temperature
0
85
°C
electrical characteristics over recommended ranges of supply voltage and operating case
temperature for TMS320C209 @ 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
5-V operation,
IOH = MAX
2.4
V
VOL
Low-level output voltage
5-V operation,
IOL = MAX
0.6
V
II
Input current
VI = VDD or 0 V
– 10
10
µA
IOZ
Output current, high-impedance state (off-state)
VO = VDD or 0 V
± 5
µA
IDD
Supply current, core CPU
5-V operation, 57 MHz
76
mA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com