Electronic Components Datasheet Search
  English  ▼

X  

TPS40060PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40060PWPR
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40060PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS40060PWPR Datasheet HTML 12Page - Texas Instruments TPS40060PWPR Datasheet HTML 13Page - Texas Instruments TPS40060PWPR Datasheet HTML 14Page - Texas Instruments TPS40060PWPR Datasheet HTML 15Page - Texas Instruments TPS40060PWPR Datasheet HTML 16Page - Texas Instruments TPS40060PWPR Datasheet HTML 17Page - Texas Instruments TPS40060PWPR Datasheet HTML 18Page - Texas Instruments TPS40060PWPR Datasheet HTML 19Page - Texas Instruments TPS40060PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
VC
PWM MODULATOR RELATIONSHIPS
VS
D = VC / VS
MODULATOR GAIN
vs
SWITCHING FREQUENCY
fSW - Switching Frequency - Hz
100
1 k
10 k
100 k
ESR Zero, + 1
LC Filter, - 2
AMOD = VIN / VS
Resultant, - 1
GAIN
180°
−90°
−270°
PHASE
+ 1
− 1
− 1
0 dB
RBIAS
UDG−02189
+
R1
R3
C3
C2
(optional)
C1
R2
7
8
VREF
COMP
VFB
VOUT
fZ1 +
1
2p
R2
C1
(Hz)
fZ2 +
1
2p
R1
C3
(Hz)
(25)
fP1 +
1
2p
R2
C2
(Hz)
fP2 +
1
2p
R3
C3
(Hz)
fC +
1
2p
R1
C2
G
(Hertz)
(26)
TPS40060
TPS40061
SLUS543D–DECEMBER 2002–REVISED SEPTEMBER 2004
APPLICATION INFORMATION (continued)
Figure 8.
Figure 9.
Figure 10. Type III Compensation of Configuration
Figure 11. Type III Compensation Gain and Phase
The poles and zeros for a type III network are described in Equation 25.
The value of R1 is somewhat arbitraty, but influences other component values. A value between 50kΩ and
100kΩ usually yields reasonable values.
The unity gain frequency is described in Equation 26.
where G is the reciprocal of the modulator gain at fC.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com