Electronic Components Datasheet Search
  English  ▼

X  

MHW2821 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MHW2821
Description  UHF Silicon FET Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHW2821 Datasheet(HTML) 2 Page - NXP Semiconductors

  MHW2821 Datasheet HTML 1Page - NXP Semiconductors MHW2821 Datasheet HTML 2Page - NXP Semiconductors MHW2821 Datasheet HTML 3Page - NXP Semiconductors MHW2821 Datasheet HTML 4Page - NXP Semiconductors MHW2821 Datasheet HTML 5Page - NXP Semiconductors MHW2821 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MHW2821–1 MHW2821–2
2
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS (Flange Temperature = 25
°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
DC Supply Voltages
Vbias,
12.5
Vdc
VS2, VS3
16
RF Input Power
Pin
400
mW
RF Output Power
Pout
23
W
Operating Case Temperature Range
TC
–30 to 100
°C
Storage Temperature Range
Tstg
–30 to 100
°C
NOTES: 1. Meets Human Body Model (HBM)
≤3000 V.
2. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VS2 = VS3 = 12.5 Vdc; Vbias = 12.5 Vdc; TC = 25°C, 50 Ω system, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
MHz
MHW2821–1
806
–
870
MHW2821–2
890
–
950
Input Power
Pin
mW
MHW2821–1 (Pout = 20 W) [Note]
–
–
250
MHW2821–2 (Pout = 18 W) [Note]
–
–
300
Power Gain
GP
dB
MHW2821–1 (Pout = 20 W) [Note]
19
–
–
MHW2821–2 (Pout = 18 W) [Note]
17.9
–
–
Efficiency (Rated Pout)
η
35
–
–
%
Harmonics (Rated Pout Reference) [Note]
2fo
–
–
–40
dBc
3fo
–
–45
Input VSWR (Rated Pout) [Note]
VSWRin
–
–
3:1
–
Load Mismatch Stress (Vsupply = 16 Vdc; Pout = 20 W for MHW2821–1;
ψ
No Degradation in
Ot
t P
Pout = 18 W for MHW2821–2; Load VSWR = 20:1,
g
Output Power
B f
d Aft
T
t
All Phase Angles at Frequency of Test) [Note]
Before and After Test
Stability (Vsupply = 10.8 to 16 Vdc; Pin = 0 to 250 mW for MHW2821–1;
–
All Spurious Outputs
Mth
60 dB
Pin = 0 to 300 mW for MHW2821–2; Load VSWR = 4:1,
pp
More than 60 dB
Bl
D
i d Si
l
All Phase Angles at Frequency of Test
Below Desired Signal
Quiescent Current (With No RF Applied, VS2 = VS3 = 12.5 Vdc;
Isq
–
–
500
mA
Vbias = 12.5 Vdc)
Leakage Current (With No RF Applied, VS2 = VS3 = 12.5 Vdc;
IL
–
–
0.6
mA
Vbias = 0 Vdc)
Bias Pin Current (Rated Pout) [Note]
Ibias
–
–
3.0
mA
NOTE:
Adjust Pin for specified Pout.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com