Electronic Components Datasheet Search
  English  ▼

X  

MHW2821 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MHW2821
Description  UHF Silicon FET Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHW2821 Datasheet(HTML) 4 Page - NXP Semiconductors

  MHW2821 Datasheet HTML 1Page - NXP Semiconductors MHW2821 Datasheet HTML 2Page - NXP Semiconductors MHW2821 Datasheet HTML 3Page - NXP Semiconductors MHW2821 Datasheet HTML 4Page - NXP Semiconductors MHW2821 Datasheet HTML 5Page - NXP Semiconductors MHW2821 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MHW2821–1 MHW2821–2
4
MOTOROLA RF/IF DEVICE DATA
TYPICAL CHARACTERISTICS (MHW2821–1)
200
180
160
120
80
40
0
800
812.5
825
837.5
862.5
875
4.0
3.5
3.0
1.5
0.5
f, FREQUENCY (MHz)
35
25
15
5.0
0
20
30
40
50
70
90
125
175
250
Pin, INPUT POWER (mW)
Figure 2. Input Power, Efficiency and VSWR
versus Frequency
Figure 3. Output Power
versus Input Power
Figure 4. Output Power
versus Supply Voltage
Figure 5. Efficiency
versus Supply Voltage
25
20
15
10
5.0
0
–5.0
6.0
8.0
9.0
10
11
12.5
VS1, SUPPLY VOLTAGE (Vdc)
100
80
60
40
20
0
–30
–10
10
30
50
70
90
CASE TEMPERATURE (
°C)
Figure 6. Output Power versus Supply
Voltage to First Stage (VS1)
Figure 7. Input Power
versus Case Temperature
140
100
60
20
1.0
0
2.5
2.0
850
30
20
10
12
90
70
50
30
10
Pin (mW)
Input VSWR:1
η
Pout = 20 W
VS1 = VS2 = VS3 = 12.5 Vdc
VS1 = VS2 = VS3 = 12.5 Vdc
806 MHz
f = 870 MHz
VS1 = 12.5 Vdc
Pin set for Pout = 20 W @
VS2 = VS3 = 12.5 Vdc
Pout = 20 W
VS1 = VS2 = VS3 = 12.5 Vdc
VS2, VS3 SUPPLY VOLTAGE (Vdc)
40
35
30
25
20
10
0
8.0
9.0
11
13
15
VS2, VS3 SUPPLY VOLTAGE (Vdc)
70
60
50
40
20
0
8.0
10
12
14
16
15
5.0
9.0
11
13
15
10
12
14
30
10
VS1 = 12.5 Vdc
Pin set for Pout = 20 W @
VS2 = VS3 = 12.5 Vdc
VS1 = 12.5 Vdc
Pin set for Pout = 20 W @
VS2 = VS3 = 12.5 Vdc
f = 870 MHz
806 MHz
f = 870 MHz
806 MHz
f = 870 MHz
806 MHz
f = 870 MHz
806 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com