Electronic Components Datasheet Search
  English  ▼

X  

MHW2821 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MHW2821
Description  UHF Silicon FET Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHW2821 Datasheet(HTML) 1 Page - NXP Semiconductors

  MHW2821 Datasheet HTML 1Page - NXP Semiconductors MHW2821 Datasheet HTML 2Page - NXP Semiconductors MHW2821 Datasheet HTML 3Page - NXP Semiconductors MHW2821 Datasheet HTML 4Page - NXP Semiconductors MHW2821 Datasheet HTML 5Page - NXP Semiconductors MHW2821 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Device
Operating
Temperature Range
Package
MHW2821-1
MHW2821-2
SEMICONDUCTOR
TECHNICAL DATA
RF POWER AMPLIFIER
20 W, 806 to 870 MHz (–1 suffix)
18 W, 890 to 950 MHz (–2 suffix)
ORDERING INFORMATION
MHW2821–1
MHW2821–2
TA = –30 to 100°C
Power Module
CASE 301AB
1
5
(Top View)
PIN CONNECTIONS
Order this document by MHW2821/D
Pin
Vbias
VS2
VS3
1
2
3
4
5
Pout
1
MOTOROLA RF/IF DEVICE DATA
UHF Silicon FET
Power Amplifiers
Designed for 12.5 V UHF power amplifier applications in industrial and
commercial FM equipment operating from 806 to 950 MHz.
• Specified 12.5 V Characteristics:
RF Input Power:
≤250 mW (MHW2821–1)
≤300 mW (MHW2821–2)
RF Output Power: 20 W (MHW2821–1)
18 W (MHW2821–2)
• LDMOS FET Technology
• Epoxy Glass Substrate Eliminates Possibility of Substrate Fracture
• 50 Ω Input/Output Impedance
• Guaranteed Stability and Ruggedness
• Cost Effective
Simplified Block Diagram
This device contains 2 active transistors
24
5
3
1
© Motorola, Inc. 1998
Rev 2


Similar Part No. - MHW2821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW2821-1 MOTOROLA-MHW2821-1 Datasheet
75Kb / 6P
UHF Silicon FET Power Amplifier
MHW2821-2 MOTOROLA-MHW2821-2 Datasheet
75Kb / 6P
UHF Silicon FET Power Amplifier
More results

Similar Description - MHW2821

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Motorola, Inc
MHW2707-1 MOTOROLA-MHW2707-1 Datasheet
94Kb / 4P
UHF Silicon FET Power Amplifier
MHW2707A1 MOTOROLA-MHW2707A1 Datasheet
60Kb / 4P
UHF Silicon FET Power Amplifier
MHW2727-3 MOTOROLA-MHW2727-3 Datasheet
61Kb / 4P
UHF Silicon FET Power Amplifier
MHW2821-1 MOTOROLA-MHW2821-1 Datasheet
75Kb / 6P
UHF Silicon FET Power Amplifier
MHW720A1 MOTOROLA-MHW720A1 Datasheet
89Kb / 4P
UHF Power Amplifiers
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
Silicon N Channel MOS FET UHF Power Amplifier
logo
Motorola, Inc
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
Silicon N-Channel MOS FET UHF Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com