Electronic Components Datasheet Search
  English  ▼

X  

MHW2821 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MHW2821
Description  UHF Silicon FET Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHW2821 Datasheet(HTML) 3 Page - NXP Semiconductors

  MHW2821 Datasheet HTML 1Page - NXP Semiconductors MHW2821 Datasheet HTML 2Page - NXP Semiconductors MHW2821 Datasheet HTML 3Page - NXP Semiconductors MHW2821 Datasheet HTML 4Page - NXP Semiconductors MHW2821 Datasheet HTML 5Page - NXP Semiconductors MHW2821 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MHW2821–1 MHW2821–2
3
MOTOROLA RF/IF DEVICE DATA
Figure 1. Test Circuit Diagram
RF Signal
Generator
10 dB
Minimum
Attenuation
Power
Termination
20 dB Dual
Directional Coupler
Input
Power
Meter
Reflected
Power
Meter
RF In
RF Out
Output
Power
Meter
Spectrum
Analyzer
20 dB Dual
Directional Coupler
Test Fixture
Z1
Z2
12
4
5
3
Vbias
12.5 V
VS2
12.5 V
VS3
12.5 V
C1
C8
C3
C4
C7
C2
C5
C6
C1, C2, C3
0.018
µF
C4, C5, C6
0.1
µF
C7, C8, C9
1.0
µF
Z1, Z2
50
Ω Microstrip
C9
20 dB
Attenuator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com