Electronic Components Datasheet Search
  English  ▼

X  

MHW2821 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MHW2821
Description  UHF Silicon FET Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHW2821 Datasheet(HTML) 5 Page - NXP Semiconductors

  MHW2821 Datasheet HTML 1Page - NXP Semiconductors MHW2821 Datasheet HTML 2Page - NXP Semiconductors MHW2821 Datasheet HTML 3Page - NXP Semiconductors MHW2821 Datasheet HTML 4Page - NXP Semiconductors MHW2821 Datasheet HTML 5Page - NXP Semiconductors MHW2821 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MHW2821–1 MHW2821–2
5
MOTOROLA RF/IF DEVICE DATA
TYPICAL CHARACTERISTICS (MHW2821–2)
VS2, VS3 SUPPLY VOLTAGE (Vdc)
200
180
160
120
80
40
0
890
900
910
920
940
950
3.5
3.0
1.5
0.5
f, FREQUENCY (MHz)
30
25
15
5.0
0
15
25
35
45
55
65
100
150
Pin, INPUT POWER (mW)
Figure 8. Pin VSWR, and Efficiency
versus Frequency
Figure 9. Output Power
versus Input Power
25
20
10
0
8.0
9.0
11
13
VS2, VS3 SUPPLY VOLTAGE (Vdc)
60
50
40
20
0
8.0
Figure 10. Pout
versus Supply Voltage
Figure 11. Efficiency
versus Supply Voltage
140
100
60
20
1.0
0
2.5
2.0
930
20
10
10
12
14
15
5.0
9.0
11
13
10
12
14
30
10
VS1 = VS2 = VS3 = 12.5 V
f = 890 MHz
950 MHz
950 MHz
f = 890 MHz
VS1 = 12.5 V
Pin set for Pout = 18 W @
VS2 = VS3 = 12.5 Vdc
VS1 = 12.5 Vdc
Pin set for Pout = 18 W @
VS2 = VS3 = 12.5 Vdc
f = 890 MHz
950 MHz
Input VSWR:1
Pout = 18 W
VS1 = VS2 = VS3 = 12.5 Vdc
Pin (mW)
η
200
960



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com