Electronic Components Datasheet Search
  English  ▼

X  

UPD301A Datasheet(PDF) 18 Page - Microchip Technology

Part # UPD301A
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A Datasheet(HTML) 18 Page - Microchip Technology

Back Button UPD301A Datasheet HTML 14Page - Microchip Technology UPD301A Datasheet HTML 15Page - Microchip Technology UPD301A Datasheet HTML 16Page - Microchip Technology UPD301A Datasheet HTML 17Page - Microchip Technology UPD301A Datasheet HTML 18Page - Microchip Technology UPD301A Datasheet HTML 19Page - Microchip Technology UPD301A Datasheet HTML 20Page - Microchip Technology UPD301A Datasheet HTML 21Page - Microchip Technology UPD301A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
UPD301A
DS00002838B-page 18
 2018-2019 Microchip Technology Inc.
The following table summarizes the expected thresholds to be matched for various configurations.
TABLE 4-1:
CABLE DETECT SUMMARY
Parameter
Threshold CSR
Description
Min
Typ
Max
DFP_ACT_DEF
CC_THR0
Detecting an active cable when configured
as DFP and advertising default USB current.
0.20 V
UFP_DFP_DEF
CC_THR0
Detecting DFP attach when configured as
UFP and DFP is advertising default USB
current.
0.20 V
DFP_ACT_1A5
CC_THR1
Detecting an active cable when configured
as DFP and advertising 1.5A.
0.40 V
UFP_DFP_1A5
CC_THR2
Detecting DFP attach when configured as
UFP and DFP is advertising 1.5A.
0.66 V
DFP_ACT_3A0
CC_THR3
Detecting an active cable when configured
as DFP and advertising 3.0A.
0.80 V
UFP_DFP_3A0
CC_THR4
Detecting DFP attach when configured as
UFP and DFP is advertising 3.0A.
1.23 V
DFP_UFP_DEF
CC_THR5
Detecting UFP attach when configured as
DFP advertising default USB current.
1.60 V
DFP_UFP_1A5
CC_THR5
Detecting UFP attach when configured as
DFP advertising 1.5A.
1.60 V
DFP_UFP_3A0
CC_THR6
Detecting UFP attach when configured as
DFP advertising 3.0A.
2.60 V
TABLE 4-2:
DFP CC MATCH SUMMARY
CC State
CC
THR0
CC
THR1
CC
THR2
CC
THR3
CC
THR4
CC
THR5
CC
THR6
CC
THR7
Advertise Default USB Current and
connected to powered cable
0
0
0
0
000
0
Advertise 1.5 A and connected to
powered cable
0
0
0
0
000
0
Advertise 3.0 A and connected to
powered cable
0
0
0
0
000
0
Advertise Default USB Current and
connected to UFP
1
0
0
0
000
0
Advertise 1.5 A and connected to
UFP
0
1
0
0
000
0
Advertise 3.0 A and connected to
UFP
0
0
0
1
000
0
Advertise Default USB Current and
no connect (vOpen)
1
0
0
0
010
0
Advertise 1.5 A and no connect
(vOpen)
0
1
0
0
010
0
Advertise 3.0 A and no connect
(vOpen)
0
0
0
1
001
0
Proprietary Mode and no connect
(vOpen)
0
0
0
0
000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com