Electronic Components Datasheet Search
  English  ▼

X  

UPD301A Datasheet(PDF) 23 Page - Microchip Technology

Part # UPD301A
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A Datasheet(HTML) 23 Page - Microchip Technology

Back Button UPD301A Datasheet HTML 19Page - Microchip Technology UPD301A Datasheet HTML 20Page - Microchip Technology UPD301A Datasheet HTML 21Page - Microchip Technology UPD301A Datasheet HTML 22Page - Microchip Technology UPD301A Datasheet HTML 23Page - Microchip Technology UPD301A Datasheet HTML 24Page - Microchip Technology UPD301A Datasheet HTML 25Page - Microchip Technology UPD301A Datasheet HTML 26Page - Microchip Technology UPD301A Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 23
UPD301A
4.5.3
PD MAC BIST
The PD MAC incorporates BIST functions as defined in the USB PD Specification. It is comprised of a TX and RX block.
The BIST TX block contains a PRBS (Pseudo Random Binary Sequence) generator, BIST pattern generation logic, and
its own bit-timing logic. The SOP type used by TX BIST Test Frames is a 20-bit static vector which is created by multi-
plexing between the five SOP ordered sets based on a register setting. The resultant 20-bit vector is simply bit selected
when the packet is transmitted.
The BIST RX block contains a PRBS generator and bit error detection logic. BIST RX is used only during the BIST
Receiver Test.
4.6
Supported Power Delivery (PD) Functionality
This section details the UPD301A PD support in firmware. The UPD301A PD functionality operates according to the
USB Power Delivery Specification
. Table 4-6 details the PD parameter values used.
4.6.1
SUPPORTED PD MESSAGES
The following USB PD Control messages are supported:
• GoodCRC
• Accept
• Reject
•Ping
• PS_RDY
• Get_Sink_Cap
• VCONN_Swap
•Wait
• Soft_Reset
The following USB PD Data messages are supported:
• Source_Capabilities
• Request
•BIST
The following USB PD Extended messages are supported:
• Firmware_Update_Request
• Firmware_Update_Response
TABLE 4-6:
USB PD VALUES
Parameter
Value
VendorID
0x0424
ProductID
0x301A
HWVersion
0x01
SiVersion
0x01
FWVersion1...4
Will vary based on latest major and minor revision.
For example. c1.10 is represented by 0x0110 and will be returned as:
• FWVersion1 = 0x0000
• FWVersion2 = 0x0000
• FWVersion3 = 0x0000
• FWVersion4 = 0x0110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com