Electronic Components Datasheet Search
  English  ▼

X  

UPD301A Datasheet(PDF) 6 Page - Microchip Technology

Part # UPD301A
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A Datasheet(HTML) 6 Page - Microchip Technology

Back Button UPD301A Datasheet HTML 2Page - Microchip Technology UPD301A Datasheet HTML 3Page - Microchip Technology UPD301A Datasheet HTML 4Page - Microchip Technology UPD301A Datasheet HTML 5Page - Microchip Technology UPD301A Datasheet HTML 6Page - Microchip Technology UPD301A Datasheet HTML 7Page - Microchip Technology UPD301A Datasheet HTML 8Page - Microchip Technology UPD301A Datasheet HTML 9Page - Microchip Technology UPD301A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
UPD301A
DS00002838B-page 6
 2018-2019 Microchip Technology Inc.
1.2
Buffer Types
1.3
References
• USB Power Delivery: https://www.usb.org/document-library/usb-power-delivery.
• USB Type-C™ Specification: ihttps://www.usb.org/document-library/usb-type-cr-cable-and-connector-specifica-
tion-revision-14-march-29-2019
TABLE 1-2:
BUFFER TYPES
Buffer Type
Description
I
Input
IS
Schmitt-triggered input
O2
Output with 2 mA sink and 2 mA source
OD2
Open-drain output with 2 mA sink and 2 mA source
O8
Output with 8 mA sink and 8 mA source
PD
200kΩ (typical) internal pull-down.
Note:
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely
on internal resistors to drive signals external to the device. When connected to a
load that must be pulled low, an external resistor must be added.
AI
Analog input
AO
Analog output
AIO
Analog bidirectional
P
Power pin
Note:
Refer to Section 5.5, "DC Characteristics," on page 28 for the electrical characteristics of the various buf-
fers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com