Electronic Components Datasheet Search
  English  ▼

X  

UPD301A Datasheet(PDF) 29 Page - Microchip Technology

Part # UPD301A
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A Datasheet(HTML) 29 Page - Microchip Technology

Back Button UPD301A Datasheet HTML 25Page - Microchip Technology UPD301A Datasheet HTML 26Page - Microchip Technology UPD301A Datasheet HTML 27Page - Microchip Technology UPD301A Datasheet HTML 28Page - Microchip Technology UPD301A Datasheet HTML 29Page - Microchip Technology UPD301A Datasheet HTML 30Page - Microchip Technology UPD301A Datasheet HTML 31Page - Microchip Technology UPD301A Datasheet HTML 32Page - Microchip Technology UPD301A Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 29
UPD301A
TABLE 5-6:
VCONN SOURCE DC PARAMETERS
5.6
AC Characteristics and Timing
This section details the various AC timing specifications of the device.
5.6.1
RESET_N TIMING
Figure 5-2 illustrates the RESET_N timing requirements. Assertion of RESET_N is not a requirement. However, if used,
it must be asserted for the minimum period specified
TABLE 5-5:
VOLTAGE REGULATOR OPERATING RANGES
Pin Name
Parameter
Min
Typ
Max
Units
VDD18_CORE_OUT
DC uncalibrated output voltage
1.62
1.80
1.91
V
VDD12_CORE_OUT
DC calibrated output voltage
1.10
1.23
1.30
V
Parameter
Symbol
Min
Typ
Max
Units
Notes
ILIM
ILIM_VCONN
600
mA
VCONN_IN
=5V
On Resistance
RON_VCONN
270
m
TABLE 5-7:
POWER SWITCH DC PARAMETERS
Parameter
Symbol
Min
Typ
Max
Units
Notes
VSW Load
VSW_Load
100
mA
VDD33_ALW_IN = 3.3V
VSW Resistance
R_VSW
500
FIGURE 5-2:
RESET_N TIMING
TABLE 5-8:
RESET_N TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
trstia
RESET_N input assertion time
1
s
RESET_N
trstia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com