Electronic Components Datasheet Search
  English  ▼

X  

UPD301A Datasheet(PDF) 19 Page - Microchip Technology

Part # UPD301A
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A Datasheet(HTML) 19 Page - Microchip Technology

Back Button UPD301A Datasheet HTML 15Page - Microchip Technology UPD301A Datasheet HTML 16Page - Microchip Technology UPD301A Datasheet HTML 17Page - Microchip Technology UPD301A Datasheet HTML 18Page - Microchip Technology UPD301A Datasheet HTML 19Page - Microchip Technology UPD301A Datasheet HTML 20Page - Microchip Technology UPD301A Datasheet HTML 21Page - Microchip Technology UPD301A Datasheet HTML 22Page - Microchip Technology UPD301A Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 19
UPD301A
4.3.2
DFP OPERATION
The device implements current sources to advertise current charging capabilities on both CC pins when operating as a
DFP.
When a UFP connection is established, the current driven across the CC pins creates a voltage across the UFP’s Rd
pull-down that can be detected by the integrated CC comparator. The voltages monitored are summarized in Table 4-
3. When connected to an active cable, an alternative pull-down (Ra) appears on the CC pin.
The DFP also integrates two 5V FETs for implementing the VCONN function. This is further discussed in Section 4.3.5,
"VCONN Operation".
4.3.3
RP CURRENT SOURCES
In order to advertise the current charging capabilities of the device via the integrated port power controller or external
power circuit, Rp current sources are used. The current source can be selected by software. Table 4-4 summarizes the
values supported by the current sources in regards to the programmed value.
4.3.4
COLLISION AVOIDANCE
An alternative mode of operation is required to enable the CC detection circuit to facilitate software implementation of
collision detection which was incorporated into version 3.0 of the USB PD Specification.
In order to avoid message collisions due to asynchronous Messaging (AMS) sent from the Sink, the Source sets Rp to
SinkTxOk (3A@5V) to indicate to the Sink that it is OK to initiate an AMS. When the Source wishes to initiate an AMS
it sets Rp to SinkTxNG (1.5A@5V). When the Sink detects that Rp is set to SinkTxOk it may initiate an AMS. When the
Sink detects that Rp is set to SinkTxNG it shall not initiate an AMS and shall only send Messages that are part of an
AMS the Source has initiated.
TABLE 4-3:
SOURCE DETECTION
CC1
CC2
Connection State
CC Comparator State
VBUS
VCONN
Open
Open
Nothing Attached
Monitor both CC pins for attach
Off
Off
Rd
Open
UFP Attached
Monitor CC1 for detach
On
Off
Open
Rd
UFP Attached
Monitor CC2 for detach
On
Off
Ra
Open
Powered Cable, No UFP attached
Monitor CC2 for UFP attach.
Monitor CC1 for cable detach.
Off
Off
Open
Ra
Powered Cable, No UFP attached
Monitor CC1 for UFP attach.
Monitor CC2 for cable detach.
Off
Off
Ra
Rd
Powered Cable, UFP attached
Monitor CC2 for UFP detach.
CC1 is not monitored for detach.
On
On
Rd
Ra
Powered Cable, UFP attached
Monitor CC1 for UFP detach.
CC2 is not monitored for detach.
On
On
Rd
Rd
Debug accessory mode attached
Monitor both CC pins for detach
Off
Off
Ra
Ra
Audio accessory mode attached.
Monitor both CC pins for detach
Off
Off
TABLE 4-4:
RP CURRENT SOURCES
DFP Advertisement
Current source
(1.7V to 5.5V)
RPx Value
Disabled
00b
Default USB Power
80 uA +/-20%
01b
1.5A @ 5V
180 uA +/-8%
10b
3.0A @ 5V
330 uA +/-8%
11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com