Electronic Components Datasheet Search
  English  ▼

X  

PACDN044 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACDN044
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN044 Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACDN044 Datasheet HTML 1Page - California Micro Devices Corp PACDN044 Datasheet HTML 2Page - California Micro Devices Corp PACDN044 Datasheet HTML 3Page - California Micro Devices Corp PACDN044 Datasheet HTML 4Page - California Micro Devices Corp PACDN044 Datasheet HTML 5Page - California Micro Devices Corp PACDN044 Datasheet HTML 6Page - California Micro Devices Corp PACDN044 Datasheet HTML 7Page - California Micro Devices Corp PACDN044 Datasheet HTML 8Page - California Micro Devices Corp PACDN044 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
11/26/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
3
PACDN042/43/44/45/46
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
3
SOT23-3
PACDN042Y3
D042
PACDN042Y3R
D052
3
SC70-3
PACDN042YB3
D42
PACDN042YB3R
D52
4
SOT143
PACDN043Y4
D043
PACDN043Y4R
D053
5
SOT23-5
PACDN044Y5
D044
PACDN044Y5R
D054
5
SC70-5
PACDN044YB5
D44
PACDN044YB5R
D54
6
SOT23-6
PACDN045Y6
D045
PACDN045Y6R
D055
6
SC70-6
PACDN045YB6
D45
PACDN045YB6R
D55
8
TSSOP
PACDN044T
PACDN044T
PACDN044TR
PACDN054T
8
MSOP
PACDN046M
D046
PACDN046MR
D056
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
Package Power Dissipation
SC70
SOT23-3, SOT23-5, SOT23-6, SOT143
TSSOP, MSOP
0.2
0.225
0.5
W
W
W
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com