Electronic Components Datasheet Search
  English  ▼

X  

PACDN044 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # PACDN044
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN044 Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button PACDN044 Datasheet HTML 4Page - California Micro Devices Corp PACDN044 Datasheet HTML 5Page - California Micro Devices Corp PACDN044 Datasheet HTML 6Page - California Micro Devices Corp PACDN044 Datasheet HTML 7Page - California Micro Devices Corp PACDN044 Datasheet HTML 8Page - California Micro Devices Corp PACDN044 Datasheet HTML 9Page - California Micro Devices Corp PACDN044 Datasheet HTML 10Page - California Micro Devices Corp PACDN044 Datasheet HTML 11Page - California Micro Devices Corp PACDN044 Datasheet HTML 12Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
11/26/03
PACDN042/43/44/45/46
Mechanical Details (continued)
SOT143 Mechanical Specifications
Dimensions for PACDN043Y4 and PACDN043Y4R
devices packaged in 4-pin SOT143 packages are pre-
sented below.
For complete information on the SOT143 package, see
the California Micro Devices SOT143 Package Infor-
mation document.
* This is an approximate amount which may vary.
Package Dimensions for SOT143.
PACKAGE DIMENSIONS
Package
SOT143
Pins
4
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.22
0.031
0.048
A1
0.05
0.15
0.002
0.006
b
0.30
0.50
0.012
0.019
b2
0.76
0.89
0.030
0.035
c
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.119
E
2.10
2.64
0.082
0.103
E1
1.20
1.40
0.047
0.055
e
1.92 BSC
0.075 BSC
e1
0.20 BSC
0.008 BSC
L
0.4
0.6
0.016
0.024
L1
0.54 REF
0.021 REF
# per tape
and reel
3000 pieces*
Controlling dimension: millimeters
Mechanical Package Diagrams
TOP VIEW
43
e
E1 E
b2
A
SIDE VIEW
L
END VIEW
D
A1
c
12
b
e1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com