Electronic Components Datasheet Search
  English  ▼

X  

PACDN044 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # PACDN044
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN044 Datasheet(HTML) 5 Page - California Micro Devices Corp

  PACDN044 Datasheet HTML 1Page - California Micro Devices Corp PACDN044 Datasheet HTML 2Page - California Micro Devices Corp PACDN044 Datasheet HTML 3Page - California Micro Devices Corp PACDN044 Datasheet HTML 4Page - California Micro Devices Corp PACDN044 Datasheet HTML 5Page - California Micro Devices Corp PACDN044 Datasheet HTML 6Page - California Micro Devices Corp PACDN044 Datasheet HTML 7Page - California Micro Devices Corp PACDN044 Datasheet HTML 8Page - California Micro Devices Corp PACDN044 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
11/26/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
5
PACDN042/43/44/45/46
Performance Information
Diode Capacitance
Typical diode capacitance with respect to positive TVS cathode voltage (reverse voltage across the diode) is given
in Figure 1.
Figure 1. Diode Capacitance vs. Reverse Voltage
Typical High Current Diode Characteristics
Measurements are made in pulse mode with a nominal pulse width of 0.7mS.
Diode Reverse Voltage (V)
0
60
50
40
30
20
10
0
1234
5
Typical Input VI Characteristics
(Pulse-mode measurements, pulse width = 0.7mS nominal)
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-3
-2
-1
0
1
2
345
67
89
Input Voltage (V)
R
D=
1
slope
R
D=
1
slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com