Electronic Components Datasheet Search
  English  ▼

X  

PACDN044 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # PACDN044
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN044 Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button PACDN044 Datasheet HTML 3Page - California Micro Devices Corp PACDN044 Datasheet HTML 4Page - California Micro Devices Corp PACDN044 Datasheet HTML 5Page - California Micro Devices Corp PACDN044 Datasheet HTML 6Page - California Micro Devices Corp PACDN044 Datasheet HTML 7Page - California Micro Devices Corp PACDN044 Datasheet HTML 8Page - California Micro Devices Corp PACDN044 Datasheet HTML 9Page - California Micro Devices Corp PACDN044 Datasheet HTML 10Page - California Micro Devices Corp PACDN044 Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
11/26/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
7
PACDN042/43/44/45/46
Mechanical Details (continued)
SC70-3 Mechanical Specifications:
Dimensions for PACDN042YB3 and PACDN042YB3R
devices packaged in 3-pin SC70 packages are pre-
sented below.
For complete information on the SC70-3 package, see
the California Micro Devices SC70 Package Informa-
tion document.
* This is an approximate amount which may vary.
Package Dimensions for SC70-3.
PACKAGE DIMENSIONS
Package
SC70 (JEDEC name is MO-203 Issue A)
Pins
3
Dimensions
Millimeters
Min
Max
A
0.80
1.10
A1
0.00
0.10
A2
0.70
1.00
B
0.15
0.30
c
0.08
0.25
D
1.85
2.25
E
1.15
1.35
e
0.65 BSC
HE
2.00
2.40
L
0.26
0.46
# per bag
1000 pieces*
# per tape and
reel
3000 pieces*
Mechanical Package Diagrams
TOP VIEW
e
E
HE
A
SIDE VIEW
L
END VIEW
D
A1
c
12
B
e
A2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com