Electronic Components Datasheet Search
  English  ▼

X  

PACDN044 Datasheet(PDF) 14 Page - California Micro Devices Corp

Part # PACDN044
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN044 Datasheet(HTML) 14 Page - California Micro Devices Corp

Back Button PACDN044 Datasheet HTML 6Page - California Micro Devices Corp PACDN044 Datasheet HTML 7Page - California Micro Devices Corp PACDN044 Datasheet HTML 8Page - California Micro Devices Corp PACDN044 Datasheet HTML 9Page - California Micro Devices Corp PACDN044 Datasheet HTML 10Page - California Micro Devices Corp PACDN044 Datasheet HTML 11Page - California Micro Devices Corp PACDN044 Datasheet HTML 12Page - California Micro Devices Corp PACDN044 Datasheet HTML 13Page - California Micro Devices Corp PACDN044 Datasheet HTML 14Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
14 430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
11/26/03
PACDN042/43/44/45/46
Mechanical Details (continued)
MSOP-8 Mechanical Specifications:
Dimensions
for
PACDN046M
and
PACDN046MR
devices packaged in 8-pin MSOP packages are pre-
sented below.
For complete information on the MSOP-8 package, see
the California Micro Devices MSOP Package Informa-
tion document.
* This is an approximate amount which may vary.
Package Dimensions for MSOP-8
PACKAGE DIMENSIONS
Package
MSOP
Pins
8
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.87
1.17
0.034
0.046
A1
0.05
0.25
0.002
0.010
B
0.30 (typ)
0.012 (typ)
C
0.18
0.007
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
0.65 BSC
0.025 BSC
H
4.78
4.98
0.188
0.196
L
0.52
0.54
0.017
0.025
# per tube
80 pieces*
# per tape
and reel
4000 pieces
Controlling dimension: inches
Mechanical Package Diagrams
E
D
H
12
34
87
65
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
TOP VIEW
Pin 1
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com