Electronic Components Datasheet Search
  English  ▼

X  

MAX1513 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1513
Description  TFT-LCD Power-Supply Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1513 Datasheet HTML 10Page - Maxim Integrated Products MAX1513 Datasheet HTML 11Page - Maxim Integrated Products MAX1513 Datasheet HTML 12Page - Maxim Integrated Products MAX1513 Datasheet HTML 13Page - Maxim Integrated Products MAX1513 Datasheet HTML 14Page - Maxim Integrated Products MAX1513 Datasheet HTML 15Page - Maxim Integrated Products MAX1513 Datasheet HTML 16Page - Maxim Integrated Products MAX1513 Datasheet HTML 17Page - Maxim Integrated Products MAX1513 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TFT-LCD Power-Supply Controllers
14
______________________________________________________________________________________
input PWM comparator, the flip-flop is reset and the
MOSFET turns off. Since the inductor current is continu-
ous, a transverse potential develops across the inductor
that turns on the diode (D1). The voltage across the
inductor then becomes the difference between the out-
put voltage and the input voltage. This discharge condi-
tion forces the current through the inductor to ramp
down, transferring the energy stored in the magnetic
field to the output capacitor and the load. The N-channel
MOSFET is kept off for the rest of the clock cycle.
Current Limiting and
Current-Sense Amplifier (CS+, CS-)
The internal current-limit circuit resets the PWM flip-flop
and turns off the external power MOSFET whenever the
voltage difference between CS+ and CS- exceeds
125mV (typ). The tolerance on this current limit is
±20%. Use the minimum value of the current limit to
select components of the current-sense network.
Lossless Current Sense
The lossless current-sense method uses the DC resis-
tance (DCR) of the inductor as the sense element.
Figure 5 shows a simplified step-up regulator using the
basic lossless current-sensing method. An RC network
is connected in parallel with the step-up inductor (L).
The voltage across the sense capacitor (CS) is the
input to the current-sense amplifier. To prevent the
sense amplifier from seeing large common-mode
switching voltages, the sense capacitor should always
be connected to the nonswitching end of the inductor
(i.e., the input of the step-up regulator).
Lossless current sense can be easily understood using
complex frequency domain analysis. The voltage
across the inductor is given by:
where L is the inductance, RL is the DCR of the induc-
tor, and IL is the inductor current. The voltage across
the sense capacitor is given by:
where RS is the series resistor in the sense network and
CS is the sense capacitor. The above equation can be
rewritten as:
Therefore, the sense capacitor voltage is directly pro-
portional to the inductor current if the time constant of
the RC sense network matches the time constant of the
inductor/DCR. The sense method is equivalent to using
a current-sense resistor that has the same value as the
inductor DCR.
V
sL
R
sR C
I
sL R
sR C
RI
If
L
R
R C
then the equation becomes
VR I
S
L
SS
L
L
SS
LL
L
SS
SL L
/
,
:
=
+
+
=
+
+
=
=
1
1
1
V
sR C
V
S
SS
L
=
+
1
1
V
I sL
R
LL
L
=+
()
Σ
CLOCK
RESET DOMINANT
ILIM
COMPARATOR
S
RQ
125mV
LEVEL
SHIFT
SLOPE_COMP
TO
FAULT LOGIC
1.0V
SOFT-START
BLOCK
REF
FB
CS-
CS+
GATE
MAX1513
MAX1514
RL
L
INDUCTOR
RS
CS
+
VS
-
VIN
VMAIN
CS+
CS-
GATE
GND
FB
Figure 4. Step-Up Regulator-Controller Functional Diagram
Figure 5. Step-Up Regulator Using Lossless Current Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com