Electronic Components Datasheet Search
  English  ▼

X  

MAX1513 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1513
Description  TFT-LCD Power-Supply Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1513 Datasheet HTML 14Page - Maxim Integrated Products MAX1513 Datasheet HTML 15Page - Maxim Integrated Products MAX1513 Datasheet HTML 16Page - Maxim Integrated Products MAX1513 Datasheet HTML 17Page - Maxim Integrated Products MAX1513 Datasheet HTML 18Page - Maxim Integrated Products MAX1513 Datasheet HTML 19Page - Maxim Integrated Products MAX1513 Datasheet HTML 20Page - Maxim Integrated Products MAX1513 Datasheet HTML 21Page - Maxim Integrated Products MAX1513 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TFT-LCD Power-Supply Controllers
18
______________________________________________________________________________________
taken from an appropriate curve in the Typical
Operating Characteristics, and an estimate of LIR
based on the above paragraphs:
Choose an available inductor value from an appropriate
inductor family. Calculate the maximum DC input cur-
rent at the minimum input voltage (VIN(MIN)) using the
following equation:
The expected efficiency at that operating point (
ηMIN)
can be taken from an appropriate curve in the Typical
Operating Characteristics.
Calculate the ripple current at that operating point and
the peak current required for the inductor:
The inductor’s saturation current rating and the
MAX1513/MAX1514s’ current limit (ILIM) should exceed
IPEAK, and the inductor’s DC current rating should
exceed IIN(DC, MAX).
Considering the typical operating circuit, the maximum
load current (IMAIN(MAX)) is 400mA for IMAIN directly
and 30mA for REG G to provide VGAMMA. The one-
stage negative charge pump provides 30mA to REG N
for VGOFF, and the one-stage positive charge pump
provides 20mA to REG P for VGON. Altogether, the
effective maximum output current (IMAIN(EFF)) is 500mA
with a 15V output and a typical 5V input voltage. The
switching frequency is set to 1.5MHz. Choosing an
LIR of 0.6 and estimating efficiency of 85% at this
operating point:
Using the circuit’s minimum input voltage (4.5V) and
estimating efficiency of 80% at that operating point:
The ripple current and the peak current are:
The inductor DCR should be low enough for reasonable
efficiency. As a rule of thumb, do not allow the voltage
drop across the inductor DCR to exceed a few percent
of the input voltage at IPEAK.
Many notebook panel designs have height constraints
on the components. If a thin inductor with the required
current rating is not available, use two thin inductors in
series or parallel.
Current-Sense Network Selection
After selecting the inductor, use the following steps to
design the current-sense network for lossless current
sensing.
1) Calculate the RC time constant of the sense network
using the typical inductance and typical DCR:
2) Determine the component values of the sense net-
work. Select CS, and then calculate RS using:
3) Calculate the worst-case high sense voltage over
temperature using the maximum DCR value (RL(MAX))
found in the inductor technical specifications:
where IPEAK is the peak inductor current calculated in
the Inductor Selection section, TC is the temperature
coefficient of copper (0.5%/°C) and
∆T is the difference
between the specified temperature for RL(MAX) and the
maximum expected inductor temperature.
4) Compare the calculated sense voltage with the mini-
mum value of the current-limit threshold in the Electrical
Characteristics (100mV). If the sense voltage is between
80mV and 100mV, use the current-sense configuration
in Figure 8 with the calculated CS and RS above.
VI
R
TC
T
SENSE
PEAK
L MAX
()
=×
×
+
×
()
1
∆
R
C
S
S
= τ
τ
()
=
L
RL TYP
I
VV
V
H
V
MHz
A
IA
A
A
RIPPLE
PEAK
.
.
.
.
.
.
.
.
=
×
()
××
≈
=+
≈
45
15
45
22
15
15
10
21
10
2
26
-
µ
I
AV
V
A
IN DC MAX
(,
)
.
.
.
.
=
×
×
≈
05
15
45
08
21
L
V
V
VV
A
MHz
H
.
.
.
.
.
= ⎛
⎝⎜
⎞
⎠⎟
×
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
≈
5
15
15
5
05
15
085
06
22
2
-
µ
I
VV
V
LV
f
II
I
RIPPLE
IN MIN
MAIN
IN MIN
MAIN
OSC
PEAK
IN DC MAX
RIPPLE
()
()
(,
)
=
×
()
××
=+
-
2
I
IV
V
IN DC MAX
MAIN EFF
MAIN
IN MIN
MIN
(,
)
()
()
=
×
×η
L
V
V
VV
I
f
LIR
IN
MAIN
MAIN
IN
MAIN EFF
OSC
TYP
()
=
⎛
⎝⎜
⎞
⎠⎟
×
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝⎜
⎞
⎠⎟
2
-
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com