Electronic Components Datasheet Search
  English  ▼

X  

MAX1513 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1513
Description  TFT-LCD Power-Supply Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1513 Datasheet HTML 17Page - Maxim Integrated Products MAX1513 Datasheet HTML 18Page - Maxim Integrated Products MAX1513 Datasheet HTML 19Page - Maxim Integrated Products MAX1513 Datasheet HTML 20Page - Maxim Integrated Products MAX1513 Datasheet HTML 21Page - Maxim Integrated Products MAX1513 Datasheet HTML 22Page - Maxim Integrated Products MAX1513 Datasheet HTML 23Page - Maxim Integrated Products MAX1513 Datasheet HTML 24Page - Maxim Integrated Products MAX1513 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TFT-LCD Power-Supply Controllers
______________________________________________________________________________________
21
In the circuits of Figures 1 and 2, the maximum total
voltage ripple is 1% (peak-to-peak) of the 15V output,
which corresponds to 150mV peak-to-peak ripple. A
conservative way to calculate the maximum ESR and
minimum capacitance is to assume the ESR ripple and
the capacitive ripple each should not exceed 50% of
the total ripple budget.
where VRIPPLE(MAX) is the total peak-to-peak output rip-
ple. Since the peak inductor current calculated in the
Inductor Selection section is 2.6A, the maximum ESR of
the output capacitor should be less than 29m
Ω. On the
other hand, only 3.1µF capacitance is needed to meet
the capacitive ripple requirement based on the calcula-
tion. A 10µF AQU-series POSCAP with maximum ESR
of 20m
Ω is selected for the typical operating circuits in
Figures 1 and 2, which meets both the voltage-ripple
and minimum capacitance requirements.
The typical load on the step-up regulator for source-
driver applications is a large pulsed load, with a peak
current of approximately 1A and a pulse width of
approximately 2µs. The shape of the pulse is close to
triangular, so it is equivalent to a square pulse with 1A
height and 1µs pulse width. The total voltage dip during
the pulsed load transient also has two components: the
ohmic dip due to the output capacitor’s ESR and the
capacitive dip caused by discharging the output
capacitance:
where IPULSE is the height of the pulse load and tPULSE
is the pulse width. Higher capacitance and lower ESR
result in less voltage dip. Again, assume the ESR dip
and the capacitive dip each should not exceed 50% of
the total maximum allowed output-voltage dip caused
by a load pulse (VDIP(MAX)).
For the typical load pulse described above, assuming the
voltage dip must be limited to 200mV, the minimum out-
put capacitor is 10µF, and the maximum ESR is 100m
Ω.
The voltage rating and temperature characteristics of
the output capacitor must also be considered.
Input-Capacitor Selection
The input capacitor (CIN) reduces the current peaks
drawn from the input supply and reduces noise injec-
tion into the device. A 22µF ceramic capacitor is used
in the typical operating circuit (Figure 1) because of the
high source impedance seen in typical lab setups.
Actual applications usually have much lower source
impedance since the step-up regulator often runs
directly from the output of another regulated supply.
Typically, CIN can be reduced below the values used in
the typical operating circuit. Ensure a low noise supply
at IN by using adequate CIN. Alternately, greater volt-
age variation can be tolerated on CIN if IN is decoupled
from CIN using an RC lowpass filter (see R11 and C10
in Figure 1).
Rectifier Diode
The MAX1513/MAX1514s’ high switching frequency
demands a high-speed rectifier. Schottky diodes are
recommended for most applications because of their
fast recovery time and low forward voltage. In general,
use a Schottky diode with a current rating exceeding
the peak inductor current calculated in the Inductor
Selection section.
Output-Voltage Selection
The output voltage of the main step-up regulator is
adjustable by connecting a resistive voltage-divider
from the output (VMAIN) to the analog ground plane
with the center tap connected to FB (see Figure 1).
Select R2 in the 10k
Ω to 50kΩ range. Calculate R1 with
the following equations:
where VFB, the step-up regulator’s feedback set point,
is 1.25V. Connect the divider close to the IC.
Output-Capacitor Stability Requirement
The step-up regulator controller of the MAX1513/
MAX1514 uses a peak current-mode control method.
The loop stability of a current-mode step-up regulator
can be analyzed using a small-signal model. In contin-
uous-conduction mode, the loop-gain transfer function
consists of a DC loop gain, a dominant pole, a right-
half-plane (RHP) zero and an ESR zero.
RR
V
V
MAIN
FB
12
1
=×
⎛
⎝⎜
⎞
⎠⎟
-
R
V
I
C
It
V
ESR MAX
DIP MAX
PULSE
OUT MIN
PULSE
PULSE
DIP MAX
()
()
()
()
≤
×
≥
××
2
2
VV
V
VI
R
V
It
C
DIP
DIP ESR
DIP C
DIP ESR
PULSE
ESR
DIP C
PULSE
PULSE
OUT
()
( )
()
()
=+
=×
≈
×
R
V
I
C
I
V
VV
Vf
ESR MAX
RIPPLE MAX
PEAK
OUT MIN
MAIN
RIPPLE MAX
MAIN
IN
MAIN
OSC
()
()
()
()
≤
×
≥
×
×
×
⎛
⎝
⎜
2
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com