Electronic Components Datasheet Search
  English  ▼

X  

MAX1513 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1513
Description  TFT-LCD Power-Supply Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1513 Datasheet HTML 1Page - Maxim Integrated Products MAX1513 Datasheet HTML 2Page - Maxim Integrated Products MAX1513 Datasheet HTML 3Page - Maxim Integrated Products MAX1513 Datasheet HTML 4Page - Maxim Integrated Products MAX1513 Datasheet HTML 5Page - Maxim Integrated Products MAX1513 Datasheet HTML 6Page - Maxim Integrated Products MAX1513 Datasheet HTML 7Page - Maxim Integrated Products MAX1513 Datasheet HTML 8Page - Maxim Integrated Products MAX1513 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TFT-LCD Power-Supply Controllers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 3V, VSUPB = 10V, SDFR = IN, CREF = 0.22µF, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE-OFF LINEAR-REGULATOR CONTROLLER (REG N)
FBN Regulation Voltage
VFBN
IDRVN = 0.2mA
220
250
280
mV
FBN Fault Trip Level
VFBN rising
380
420
460
mV
FBN Input Bias Current
VFBN = 0V
-250
+250
nA
FBN Effective Load-Regulation
Error (Transconductance)
VDRVN = -10V, IDRVN = 0.1mA to 2mA
18
25
mV
FBN Line (IN)-Regulation Error
IDRVN = 0.2mA, 2.7V < VIN < 5.5V
5
mV
DRVN Source Current
IFBN
VFBN = 0.3V, VDRVN = -10V
5
mA
DRVN Off-Leakage Current
VFBN = -0.1V, VDRVN = -20V
0.1
10
µA
Soft-Start Period
tSS
2.7
ms
Soft-Start Step Size
VREF / 128
V
BUFFER AMPLIFIER
SUPB Supply Range
VSUPB
4.5
13.0
V
SUPB Supply Current
ISUPB
No load, VFBPB = 4V
0.75
1.1
mA
FBPB Input Offset Voltage
VOS
VFBPB = VSUPB / 2
0
12
mV
FBPB Input Bias Current
IBIAS
VFBPB = VSUPB / 2
50
nA
FBPB Input Common-Mode
Range
VCM
0
VSUPB
V
Common-Mode Rejection Ratio
CMRR
0 < VFBPB < VSUPB
50
dB
Output-Voltage-Swing High
VOH
IOUTB = 5mA
VSUPB -
150
VSUPB -
80
mV
Output-Voltage-Swing Low
VOL
IOUTB = -5mA
80
150
mV
Short-Circuit Current
±50
±150
mA
Power-Supply Rejection Ratio
PSRR
DC, 6V
≤ VSUPB ≤ 13V, VFBPB = 4V
60
80
dB
Slew Rate
10
V/µs
-3dB Bandwidth
RL = 10k
Ω, CL = 10pF
12
MHz
CONTROL INPUTS AND OUTPUTS
SDFR = IN (1.5MHz operation)
0.9
× VIN
SDFR = unconnected (430kHz operation)
0.69
× VIN
0.77
× VIN
SDFR = REF (750kHz operation)
1.00
1.35
SDFR Input Level
SDFR = GND (LCD shutdown)
0.5
V
SDFR = IN
+3.0
SDFR = REF
-3.0
SDFR Input Current
SDFR = GND
-3.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com