Electronic Components Datasheet Search
  English  ▼

X  

MAX1513 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1513
Description  TFT-LCD Power-Supply Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1513 Datasheet HTML 1Page - Maxim Integrated Products MAX1513 Datasheet HTML 2Page - Maxim Integrated Products MAX1513 Datasheet HTML 3Page - Maxim Integrated Products MAX1513 Datasheet HTML 4Page - Maxim Integrated Products MAX1513 Datasheet HTML 5Page - Maxim Integrated Products MAX1513 Datasheet HTML 6Page - Maxim Integrated Products MAX1513 Datasheet HTML 7Page - Maxim Integrated Products MAX1513 Datasheet HTML 8Page - Maxim Integrated Products MAX1513 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TFT-LCD Power-Supply Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
FB, FBP, FBN, FBG, FBL, IN, CS+,
CS-, SDFR to GND ...............................................-0.3V to +6V
DEL, GATE, REF to GND .............................-0.3V to (VIN + 0.3V)
SUPB to GND .........................................................-0.3V to +14V
OUTB, FBPB to GND ..............................-0.3V to (VSUPB + 0.3V)
DRVP, DRVG, DRVL to GND ..................................-0.3V to +30V
DRVN to GND .....................................(VIN - 28V) to (VIN + 0.3V)
OUTB Continuous Output Current ....................................
±75mA
Continuous Power Dissipation (TA = +70
°C)
20-Pin TQFN (derate 16.9mW/°C above +70°C) .......1349mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 3V, VSUPB = 10V, SDFR = IN, CREF = 0.22µF, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN Supply Range
VIN
2.7
5.5
V
VIN rising
2.5
2.7
2.9
IN Undervoltage-Lockout
Threshold
VUVLO
350mV typical hysteresis
VIN falling
2.2
2.35
2.5
V
IN Quiescent Current
IIN
VFB = VFBP = VFBL = VFBG = 1.5V, VFBN = 0
1.25
mA
IN Shutdown Current
VSDFR = 0, VFBL = 1.5V
150
µA
REF Output Voltage
-2µA < IREF < 100µA, 2.7V < VIN < 5.5V
1.231
1.250
1.269
V
Temperature rising
+160
Thermal Shutdown
Hysteresis
15
°C
Duration to Trigger Fault Latch
43.6
ms
MAIN STEP-UP CONTROLLER
SDFR = IN
1.275
1.500
1.725
SDFR = REF
0.60
0.75
0.90
Operating Frequency
fOSC
SDFR = unconnected
0.43
MHz
Oscillator Maximum Duty Cycle
80
85
90
%
FB Regulation Voltage
VFB
VCS+ - VCS- = 0
1.237
1.25
1.263
V
FB Fault Trip Level
VFB falling
0.96
1.00
1.04
V
FB Load Regulation
0 < (VCS+ - VCS-) < 50mV
-1
%
FB Line Regulation
VIN = 2.7V to 5.5V
0.1
0.2
% / V
FB Input Bias Current
VFB = 1.5V
-100
+100
nA
CS+ Input Current
2.2V < VCS+ < 6V
90
µA
CS- Input Current
2.2V < VCS- < 6V
-1
+1
µA
Current-Limit Threshold
VCS+ - VCS-, 2.2V < VCS+ < 6V
100
125
150
mV
Gate-Drive Output
High or low
3
5
Ω
Soft-Start Period
tSS
2.7
ms
Soft-Start Step Size
VREF / 128
V
GATE-ON LINEAR-REGULATOR CONTROLLER (REG P)
FBP Regulation Voltage
VFBP
IDRVP = 50µA
1.225
1.250
1.275
V
FBP Fault Trip Level
VFBP falling
0.96
1.00
1.04
V
FBP Input Bias Current
VFBP = 1.5V
-250
+250
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com