Electronic Components Datasheet Search
  English  ▼

X  

LX7167 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX7167
Description  3MHz, 2.4A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7167 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX7167 Datasheet HTML 1Page - Microsemi Corporation LX7167 Datasheet HTML 2Page - Microsemi Corporation LX7167 Datasheet HTML 3Page - Microsemi Corporation LX7167 Datasheet HTML 4Page - Microsemi Corporation LX7167 Datasheet HTML 5Page - Microsemi Corporation LX7167 Datasheet HTML 6Page - Microsemi Corporation LX7167 Datasheet HTML 7Page - Microsemi Corporation LX7167 Datasheet HTML 8Page - Microsemi Corporation LX7167 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics
5
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
FEEDBACK
VREF
Feedback Voltage
TA = 25°C
0.594
0.600
0.606
V
-10°C to 85°C
0.591
0.609
IFB
FB Pin Input Current
10
nA
Line Regulation
PVIN from 3V to 5.5V
0.70
%
Load Regulation
ILOAD = 0 to 2A. Note 1
1.0
%/A
FB UVLO
VFBUVLO
FB UVLO Threshold
70
%VREF
OUTPUT DEVICE
RDSON_H
RDSON of High Side
95
150
m
Ω
RDSON_L
RDSON of Low Side
75
100
m
Ω
IL
Peak Current Limit
2.6
3.5
4.5
A
TSH
Thermal Shutdown
Threshold
150
°C
TH
Thermal Shutdown
Hysteresis
20
°C
PVIN OVP
OVPR
Rising Threshold
6.1
V
OVPF
Falling Threshold
5.5
V
OSCILLATOR FREQUENCY
f
Switching Frequency
2.6
3
3.4
MHz
SOFT START
TSS
Soft Start Time
From EN High to VOUT reach
regulation
500
µs
THICCUP
Hiccup Time
VFB = 0.2V
1.2
ms
EN INPUT
ENVIN
Input High
1
V
ENVIL
Input Low
0.4
V
ENH
Hysteresis
0.1
V
ENII
Input Bias
0.01
1
µA
PG ( Power Good)
VPG
Power Good Transition
High Threshold
83
%
VPGHY
Hysteresis
Either VFB rising or falling
40
mV
PGRDSON
Power Good Internal FET
RDSON
VCC = 5V
100
300
Ω
PG FET Leakage Current
0.01
1
µA
PG internal Glitch Filter
Note 1
5
µs
OUTPUT DISCHARGE
Internal Discharge Resistor
80
200
1400
Ω
Note 1: Guaranteed by design, not tested during production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com