Electronic Components Datasheet Search
  English  ▼

X  

LX7167 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX7167
Description  3MHz, 2.4A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7167 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX7167 Datasheet HTML 4Page - Microsemi Corporation LX7167 Datasheet HTML 5Page - Microsemi Corporation LX7167 Datasheet HTML 6Page - Microsemi Corporation LX7167 Datasheet HTML 7Page - Microsemi Corporation LX7167 Datasheet HTML 8Page - Microsemi Corporation LX7167 Datasheet HTML 9Page - Microsemi Corporation LX7167 Datasheet HTML 10Page - Microsemi Corporation LX7167 Datasheet HTML 11Page - Microsemi Corporation LX7167 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3MHz 2.4A Synchronous Buck Converter
10
PACKAGE OUTLINE DIMENSIONS
Dim
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
0.70
0.80
0.0276
0.0315
A1
0
0.05
0
0.0020
A3
0.20 ref
0.0079 ref
b
0.18
0.30
0.0071
0.0118
D
2.00 BSC
0.0787 BSC
D2
1.55
1.80
0.0610
0.0709
e
0.50 BSC
0.0197 BSC
E
2.00 BSC
0.0787 BSC
E2
0.75
1.00
0.0295
0.0394
L
0.20
0.40
0.0079
0.0157
Figure 8 · 8 Pin Plastic DFN 2x2mm Dual Exposed Pad Package Dimensions
Note: 1. Dimensions do not include mold flash or protrusions; these shall not exceed
0.155mm(.006”) on any side. Lead dimension shall not include solder coverage.
Note: 2. Dimensions are in mm, inches are for reference only.
D
e
E
A
A3
A1
E2
D2
b
L
top
bottom
side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com