Electronic Components Datasheet Search
  English  ▼

X  

LX7167 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX7167
Description  3MHz, 2.4A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7167 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX7167 Datasheet HTML 4Page - Microsemi Corporation LX7167 Datasheet HTML 5Page - Microsemi Corporation LX7167 Datasheet HTML 6Page - Microsemi Corporation LX7167 Datasheet HTML 7Page - Microsemi Corporation LX7167 Datasheet HTML 8Page - Microsemi Corporation LX7167 Datasheet HTML 9Page - Microsemi Corporation LX7167 Datasheet HTML 10Page - Microsemi Corporation LX7167 Datasheet HTML 11Page - Microsemi Corporation LX7167 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LAND PATTERN RECOMMENDATION
11
LAND PATTERN RECOMMENDATION
0.28
1.7
R 2x0.3
0.8
6x0.5
Center Thermal Pad
PCB Land Pattern
Defined Pad
63% Printed
solder coverage
on thermal pad
Figure 9 · 8 Pin Plastic DFN 2x2mm Dual Exposed Pad Package Footprint
Disclaimer:
This PCB land pattern recommendation is based on information available to Microsemi by its suppliers. The actual land pattern to be used could be different depending on the
materials and processes used in the PCB assembly, end user must account for this in their final layout. Microsemi makes no warranty or representation of performance based
on this recommended land pattern.
PRODUCTION DATA – Information contained in this document is proprietary to Microsemi and is current
as of publication date. This document may not be modified in any way without the express written
consent of Microsemi. Product processing does not necessarily include testing of all parameters.
Microsemi reserves the right to change the configuration and performance of the product and to
discontinue product at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com