Electronic Components Datasheet Search
  English  ▼

X  

LX7167 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX7167
Description  3MHz, 2.4A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7167 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX7167 Datasheet HTML 4Page - Microsemi Corporation LX7167 Datasheet HTML 5Page - Microsemi Corporation LX7167 Datasheet HTML 6Page - Microsemi Corporation LX7167 Datasheet HTML 7Page - Microsemi Corporation LX7167 Datasheet HTML 8Page - Microsemi Corporation LX7167 Datasheet HTML 9Page - Microsemi Corporation LX7167 Datasheet HTML 10Page - Microsemi Corporation LX7167 Datasheet HTML 11Page - Microsemi Corporation LX7167 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3MHz 2.4A Synchronous Buck Converter
8
Theory of Operation / Application Information
Basic Operation
The operation of the controller consists of comparing the VFB voltage to an internal reference. When
the VFB voltage is lower than the VREF, the upper switch turns on. When the VFB voltage is higher
than VREF, the upper switch turns off and the lower switch turns on. An internal ramp is used to
stabilize the switching frequency and keep the VFB immune to the output capacitor, CO, value or
parasitic components (i.e. esr, esl).
In addition, a frequency control loop ensures the switching
frequency is constant under continuous conduction mode of operation.
At light load, the converter automatically reduces the switching frequency to optimize efficiency while
ensuring the ripple voltage is low.
Setting of the Output Voltage
The LX7167A develops a 0.6V reference voltage between the feedback pin, FB, and the signal
ground. The output voltage is set by a resistive divider according to the following formula:
(
)
The output component values are recommended below.
VOUT
L
R1
R2
COUT
C9
5V input
3.3V input
1V
0.47μH &
0.68μH
66.5kΩ
100kΩ
22μF
10pF
2x22μF
15pF
4x22μF
22pF
1.0μH
22μF
15pF
12pF
2x22μF
22pF
22pF
4x22μF
27pF
27pF
1.8V
0.47μH &
0.68μH
100kΩ
49.9kΩ
22μF
10pF
2x22μF
15pF
4x22μF
22pF
1.0μH
22μF
15pF
2x22μF
22pF
4x22μF
27pF
2.5V
0.47μH &
0.68μH
158kΩ
49.9kΩ
22μF
15pF
2x22μF
22pF
4x22μF
33pF
1.0μH
22μF
10pF
22pF
2x22μF
15pF
27pF
4x22μF
22pF
33pF
3.3V
0.47μH
&
0.68μH
158kΩ
34.8kΩ
22μF
22pF
-
2x22μF
33pF
-
4x22μF
47pF
-
1.0μH
22μF
22pF
-
2x22μF
33pF
-
4x22μF
47pF
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com