Electronic Components Datasheet Search
  English  ▼

X  

LX7167 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX7167
Description  3MHz, 2.4A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7167 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX7167 Datasheet HTML 1Page - Microsemi Corporation LX7167 Datasheet HTML 2Page - Microsemi Corporation LX7167 Datasheet HTML 3Page - Microsemi Corporation LX7167 Datasheet HTML 4Page - Microsemi Corporation LX7167 Datasheet HTML 5Page - Microsemi Corporation LX7167 Datasheet HTML 6Page - Microsemi Corporation LX7167 Datasheet HTML 7Page - Microsemi Corporation LX7167 Datasheet HTML 8Page - Microsemi Corporation LX7167 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Aug 2013 Rev. 1.1
www.microsemi.com
1
© 2013 Microsemi Corporation
3MHz, 2.4A
Step Down Converter
VOUT
R1
1%
R2
1%
PGOOD
COUT
0.68µF
100k
PVIN
EN
PG
SW
PGND
FB
GND
LX7167
VIN
CIN
8
5
3
1
4
2
6
VCC
7
C9
Figure 1 · Typical Application of LX7167
Features
 2.4A Step-down Regulator
 Operational Input Supply Voltage Range:
3V-5.5V
 Integrated PMOS and NMOS
 Load Current from Zero to 2.4A
 3MHz Switching Frequency
 SKIP Pulse to Improve Light Load
Efficiency
 Input UVLO and OV Protection
 Enable Pin
 Power Good
 Internal Soft-start
 Cycle-by-Cycle Over Current Protection
 Hiccup Mode Operation Under FB UVLO
 RoHS Compliant for Pb Free
Applications
 HDD
 Set-Top Box
LCD TV’s
 Notebook/Netbook
 Routers
 Video Cards
 PC Peripherals
 PoE Powered Devices Smart Phone
Description
LX7167 is a step-down PWM Switching Regulator
IC with integrated high side P-CH and low side N-
CH MOSFETs. The IC operates using a hysteretic
control topology with a full load operating switching
frequency of 3MHz allowing small output filter
components while maintaining excellent dynamic
load response.
The operational input voltage range of LX7167 is
from 3V to 5.5V. The part has a Power Save Mode
(PSM) that automatically transitions between PWM
and PSM mode depending on the load current. This
allows the converter’s efficiency to remain high
when load current drops. There is a Power Good
function to indicate the status of the IC.
In the shutdown mode, the IC’s current consumption
is reduced to less than 1µA and the output capacitor
is discharged.
Other features of the part are: a) Cycle-by-cycle
current limit followed by HICCUP mode which
reduces the overall power dissipation of the internal
MOSFETs, b) thermal protection and internal digital
soft start.
The LX7167 is available in a 2mm x 2mm 8 pin
exposed pad DFN package.
LX7167


Similar Part No. - LX7167

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7165 MICROSEMI-LX7165 Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-01CSP MICROSEMI-LX7165-01CSP Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-01CSP-TR MICROSEMI-LX7165-01CSP-TR Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-02CSP MICROSEMI-LX7165-02CSP Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-02CSP-TR MICROSEMI-LX7165-02CSP-TR Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
More results

Similar Description - LX7167

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149_08 Datasheet
1Mb / 21P
3MHz Fast Transient 400mA Step-Down Converter
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
E-CMOS Corporation
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
TECHCODE SEMICONDUCTOR,...
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
2.4A 32V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com