Electronic Components Datasheet Search
  English  ▼

X  

UBA20271 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # UBA20271
Description  350 V and 600 V Power ICs for dimmable compact fluorescent lamps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA20271 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button UBA20271 Datasheet HTML 12Page - NXP Semiconductors UBA20271 Datasheet HTML 13Page - NXP Semiconductors UBA20271 Datasheet HTML 14Page - NXP Semiconductors UBA20271 Datasheet HTML 15Page - NXP Semiconductors UBA20271 Datasheet HTML 16Page - NXP Semiconductors UBA20271 Datasheet HTML 17Page - NXP Semiconductors UBA20271 Datasheet HTML 18Page - NXP Semiconductors UBA20271 Datasheet HTML 19Page - NXP Semiconductors UBA20271 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
UBA20271_UBA20272
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 12 October 2011
16 of 33
NXP Semiconductors
UBA20271/2
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
7.4.5 Power-down mode
Power-down mode starts when:
• a continuous overcurrent exceeds the maximum overcurrent time-out tfault(oc).Or over
a longer period when an overcurrent occurs in more than half the number of cycles
Vth(CP)min is reached.
• during the boost or the burn state fbridge(max) is reached due to capacitive mode
detection
• two consecutive failed lamp ignition attempts occur
In power-down mode, the oscillator is stopped and the HS transistor is non-conductive
while the LS transistor is conductive. The VDD supply is internally clamped. The circuit is
released from power-down mode by lowering the low voltage supply lower than VDD(rst)
(mains switch reset).
An option exists to set the IC in power-down mode via external logic. The external
power-down option is only available when the IC is in the boost or burn state. To enable
the external power-down option, the CP pin is used. When pin CP, is connected via a
10 k
 resistor to either the PGND or SGND the voltage on pin CP is pulled down lower
than Vth(pd)CP. This results in the IC entering power-down mode.
Remark: Do not connect the CP pin directly to the SGND or PGND pin. Connect the
SGND or PGND pin via a series 10 k
resistor otherwise excessive currents flow during
reset and start-up. Excessive current prevent the IC from starting up.
7.4.6 OverTemperature Protection (OTP)
The OTP circuit is designed to prevent the IC from overheating in hazardous
environments. The circuit is triggered when the IC temperature exceeds the maximum
temperature value Tj(otp). OTP changes the lamp current to the level that corresponds to
Votp(CSI) level. This condition remains until the IC temperature reduces by 20 C
(=Tj(otp)hys) and returns to the DCI controlled level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com